PART |
Description |
Maker |
N74F620D N74F620N N74F623N 74F620 74F623 N74620D N |
Octal bus transceiver, inverting 3tate 八路总线收发器,反相3tate Octal bus transceiver, non-inverting (3-State)(八通道总线收发器,同向(三态)) Octal bus transceiver / inverting 3tate From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MC74HC245A-D MC74HC245ADT MC74HC245ADTR2 MC74HC245 |
Octal 3-State Noninverting Bus Transceiver High-Performance Silicon-Gate CMOS Octal 3-State Non-Inverting Bus/Transceiver
|
ON Semiconductor
|
74F2645 74F2645SC |
Octal Bus Transceiver with 25ヘ Series Resistors in the Outputs From old datasheet system Octal Bus Transceiver with 25 Series Resistors in the Outputs Octal Bus Transceiver with 25-Ohm Series Resistors in the Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
LT1521-3.3 LT1521CS8-3.3 LT1521CST-3.3 LT1521IS8-3 |
Paired Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes OCTAL BUS TRANSCEIVER/IOL=48mA O.C. 20-SOIC 0 to 70 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 OCTAL BUS TRANSCEIVER/IOL=48mA O.C. 20-SOIC 0 to 70 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO4 OCTAL BUS TRANSCEIVER/IOL=48mA O.C. 20-PDIP 0 to 70 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 Octal Bus Transceivers 20-SOIC 0 to 70 3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
Linear Technology Corporation Linear Technology, Corp.
|
DM74ALS245 DM74ALS245A DM74ALS245AMSA DM74ALS245AN |
Single 8-bit Bus Transceiver Octal 3-STATE Bus Transceiver
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74ACT245 74ACT245B 74ACT245M 74ACT245T 4823 |
From old datasheet system OCTAL BUS TRANSCEIVER (3-STATE) OCTAL BUS TRANSCEIVER 3-STATE
|
ST Microelectronics STMicroelectronics
|
5962R9571401QXC 5962R9571401QRC FN3040 5962R957140 |
Radiation Hardened 8-Bit Bus Transceiver From old datasheet system Radiation Hardened 8-Bit Bus Transceiver OCTAL LINE TRANSCEIVER, CDIP20 Radiation Hardened 8-Bit Bus Transceiver CMOS SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, CDFP20
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
M27C800 M27C800-120F1TR M27C800-120F6TR 27C800 M27 |
512K X 16 OTPROM, 120 ns, PDSO44 512K X 16 OTPROM, 50 ns, PQCC44 Octal Bus Transceiver With 3-State Outputs 20-TSSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-TVSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-SOIC -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 16-Bit Bus Transceiver and Transparent D-Type Latch with 8 Independent Buffers 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 32-Bit Buffer/Driver With 3-State Outputs 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-TSSOP -40 to 85 8 MBIT (1MB X8 OR 512KB X16) UV EPROM AND OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HD74LS641-1 HD74LS641-1P |
BUS TRANSCEIVER|SINGLE|8-BIT|LS-TTL|DIP|20PIN|PLASTIC Octal Bus Transceivers(non-inverted open-collector outpurs) Octal Bus Transceivers with non-inverted open-collector outputs
|
Hitachi Semiconductor
|
74VHC245MTC 74VHC245N 74VHC245SJ 74VHC245M 74VHC24 |
Single 8-bit Bus Transceiver Octal Bidirectional Transceiver with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
M74HCT651 M74HCT651B1R M74HCT651M1R M74HCT652 M74H |
HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE HCT651 OCTAL BUS TRANSCEIVER/REGISTER (3-STATE, INV.)HCT652 OCTAL BUS TRANSCEIVER/REGISTER (3-STATE)
|
STMICROELECTRONICS[STMicroelectronics]
|
HD74LS645-1 74LS645 HD74LS645-1P |
Octal Bus Transceivers(non-inverted-3state outputs) BUS TRANSCEIVER|SINGLE|8-BIT|LS-TTL|DIP|20PIN|PLASTIC Octal Bus Transceivers with non-inverted 3-state outputs
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|