PART |
Description |
Maker |
LT1634 LT1634ACS8-1.25 LT1634ACS8-2.5 LT1634ACS8-4 |
Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PBCY3 Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.25 V, PDSO8 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PBCY3 Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.25 V, PBCY3 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
NJU7021 NJU7021D NJU7021M NJU7021V NJU7022 NJU7022 |
OP-AMP, 10000 uV OFFSET-MAX, 0.4 MHz BAND WIDTH, PDSO8 4.096-V Precision Micropower Shunt Voltage Reference, 0.2% accuracy 3-SOT-23 -40 to 85 3-V Precision Micropower Shunt Voltage Reference, 0.2% accuracy 3-TO-92 -40 to 85 LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
CAT102 CAT102EUK-TE7 |
1-OUTPUT THREE TERM VOLTAGE REFERENCE, 0.6 V, PDSO5 Precision/ Adjustable Shunt Regulator (600mV Reference) Precision, Adjustable Shunt Regulator (600mV Reference) Low Voltage Precision, Adjustable Shunt Voltage Reference. 600 mV reference. ?% Tolerance.
|
ON SEMICONDUCTOR CATALYST[Catalyst Semiconductor]
|
TL431CS TL431CUN TL431CUS TL431CX TL431ACS TL431AC |
Adjustable Precision Shunt Regulators 可调节精密并联稳压器 Cathode voltage: 30V; adjustable precision shunt regulator
|
Analog Intergrations Co... Analog Intergrations Corpor... Analog Integrations, Corp. AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|
IDT74CBTLV16292 IDT74CBTLV16292PA IDT74CBTLV16292P |
Adjustable Precision Shunt Regulator 3-TO-92 0 to 70 Adjustable Precision Shunt Regulator 8-SOIC 0 to 70 LOW-VOLTAGE 12-BIT 1:2 MUX / DEMUX BUS SWITCH WITH INTERNAL PULL DOWN RESISTORS
|
Integrated Device Technology, Inc. IDT
|
AS7C331MPFS32A-36A_V2.9 AS7C331MPFS36A-200TQIN AS7 |
LM4041 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5 1M X 32 STANDARD SRAM, 3.5 ns, PQFP100 LM4041 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3 1M X 32 STANDARD SRAM, 3.5 ns, PQFP100 LM4041 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5 1M X 36 STANDARD SRAM, 3.1 ns, PQFP100 3.3V 1M x 32/36 pipelined burst synchronous SRAM 1M X 36 STANDARD SRAM, 3.8 ns, PQFP100 LM4041 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
NJU7231 NJU7231F28 NJU7231U52 NJU7231F26 NJU7231F2 |
3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 2.048-V Precision Micropower Shunt Voltage Reference, 0.2% accuracy 3-SOT-23 -40 to 85 高精度的C - MOS三端稳压 High Precision C-MOS 3-Terminal Voltage Regulator
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio] http://
|
LM4050AEM3-3.0-T LM4050AEX3-3.0-T LM4050AEM3-4.1-T |
50ppm/C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages 50ppm/∑C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO3
|
Maxim Integrated Products, Inc.
|
ADR5043AKSZ-REEL ADR5045ARTZ-REEL7 ADR5045AKSZ-REE |
Precision Micropower Shunt Mode Voltage Reference Applications (3.0 Vout); Package: SC70; No of Pins: 3; Temperature Range: Industrial 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 3 V, PDSO3 Precision Micropower Shunt Mode Voltage Reference Applications (5.0 Vout); Package: SOT-23; No of Pins: 3; Temperature Range: Industrial 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 5 V, PDSO3 Precision Micropower Shunt Mode Voltage Reference Applications (5.0 Vout); Package: SC70; No of Pins: 3; Temperature Range: Industrial 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 5 V, PDSO3 Precision Micropower Shunt Mode Voltage Reference Applications (4.096 Vout); Package: SC70; No of Pins: 3; Temperature Range: Industrial 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PDSO3 Precision Micropower Shunt Mode Voltage References Precision Micropower Shunt Mode Voltage Reference Applications (4.096 Vout); Package: SOT-23; No of Pins: 3; Temperature Range: Industrial Precision Micropower Shunt Mode Voltage References
|
Analog Devices, Inc. ANALOG DEVICES INC
|
SPX431LJCM1-L/TR SPX431LJAN-L/TR SPX431LJCN-L/TR S |
1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.24 V, PSSO3 Low Voltage Adjustable Precision Shunt Regulator
|
Sipex Corporation
|
FAN4040 FAN4040-2.5 FAN4040-3.3 FAN4040-5.0 FAN404 |
Precision Micropower Shunt Voltage Reference Precision Micropower Shunt Voltage Reference 精密微功耗并联电压参
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
NJM282509 |
Precision Micropower Shunt Voltage Reference
|
New Japan Radio
|