PART |
Description |
Maker |
AD630 AD630A AD630AD AD630B AD630BD AD630J AD630JC |
Balanced Modulator/Demodulator Balanced Modulator/Demodulator SPECIALTY CONSUMER CIRCUIT, CDIP20 Balanced Modulator/Demodulator 平衡调制/解调 Balanced Modulator/Demodulator SPECIALTY CONSUMER CIRCUIT, UUC20 Balanced Modulator/Demodulator SPECIALTY CONSUMER CIRCUIT, CQCC20
|
AD[Analog Devices] Analog Devices, Inc.
|
NTE973D NTE973 |
Integrated Circuit Double Balanced Modulator/Demodulator 集成电路双平衡调解调
|
NTE[NTE Electronics]
|
PMP-3R-XXXB |
RF/MICROWAVE PHASE MODULATOR MODULATOR
|
Merrimac Industries, Inc.
|
UPC8129GR-E1 UPC8158K UPC8101GR UPC8104GR UPC8105G |
SI RFIC QUADRATURE MODULATOR WITH UPCONVERTER AND AGC UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
|
NEC[NEC]
|
CHP-205 CHP-206 CHK-705S CHK-706 CHK-710S CHK-7M3 |
0.1 MHz - 500 MHz RF/MICROWAVE TRIPLE BALANCED MIXER, 7.5 dB CONVERSION LOSS-MAX MIXERS TRIPLE-BALANCED
|
SYNERGY MICROWAVE CORPORATION
|
LT5503EFEPBF |
1.2GHz to 2.7GHz Direct IQ Modulator and Mixer; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C 1200 MHz - 2700 MHz RF/MICROWAVE I/Q MODULATOR
|
Linear Technology, Corp.
|
HMMC-3040 |
20 - 43 GHz double balanced mixer and LO amplifier 20 - 43 GHz的双平衡混频器和LO放大 20-43 GHz Double-Balanced Mixer and LO-Amplifier HMMC-3040 · 20 - 43 GHz double balanced mixer and LO amplifier
|
Switchcraft, Inc. Agilent(Hewlett-Packard) Agilent (Hewlett-Packard)
|
TOP-2MZ TOP-5MZ TOP-1MZ CMF-102 CMP-312 CMP-302 CM |
50 MHz - 1000 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 9 dB CONVERSION LOSS-MAX 20 MHz - 1500 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 9 dB CONVERSION LOSS-MAX 2 MHz - 600 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 8 dB CONVERSION LOSS-MAX 0.01 MHz - 125 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 6.5 dB CONVERSION LOSS-MAX 0.025 MHz - 200 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 7 dB CONVERSION LOSS-MAX 0.1 MHz - 500 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 8 dB CONVERSION LOSS-MAX 10 MHz - 1000 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 9.5 dB CONVERSION LOSS-MAX
|
Synergy Microwave, Corp. SYNERGY MICROWAVE CORP
|
MCP1630 MCP1630E_MS MCP1630EMS MCP1630T MCP1630TE_ |
The MCP1630 is a high-speed Pulse Width Modulator (PWM) used to develop intelligent power systems. When used with a microcontroller, ... High-Speed, Microcontroller-Adaptable,Pulse Width Modulator High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
|
Microchip Technology
|
PI6C3Q993-5I PI6C3Q991-5 |
Clock IC | 500ps Accuracy. 3.3V. Balanced. 3.75 to 85 MHz. Industrial Temp. Operation Clock IC | 500ps Accuracy. 3.3V. Balanced. 3.75 to 85 MHz 时钟IC | 500ps的精度3.3。平衡3.755兆赫
|
Pericom Semiconductor, Corp.
|