PART |
Description |
Maker |
EL7583 EL7583IR EL7583IR-T7 |
DC-DC Converter, 3-Channel, TFT/LCD Applications, VIN =2/14V, VBOOST , VON , VOFF , IBOOST 350mA 3-Channel DC-DC Converter
|
INTERSIL[Intersil Corporation]
|
EL7581 EL7581IRE EL7581IRE-T13 EL7581IRE-T7 EL7581 |
DC-DC Converter, 3-Channel, TFT/LCD Applications, V IN =2/14V VBOOST =5/18V, VON =5/40V, VOFF =-40/0V, IBOOST 720mA @ 12V 3-Channel DC-DC Converter 2.75 A SWITCHING REGULATOR, 1000 kHz SWITCHING FREQ-MAX, PDSO20
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HV4937 HV4937PG HV4937X |
64-Channel Serial To Parallel Converter With P-Channel Open Drain Outputs
|
SUTEX[Supertex, Inc]
|
RBHV57009DG HV57009DG HV57009PG HV57009 HV57009X |
64-Channel Serial To Parallel Converter With P-Channel Open Drain Controllable Output Current
|
SUTEX[Supertex, Inc] Supertex Inc SUTEX[Supertex Inc]
|
ADUM5200 |
Dual-Channel Isolators with Integrated DC-to-DC Converter (2/0 channel directionality)
|
Analog Devices
|
EN7671A 2SK3738-TL-E 2SK3738-12 EN7671 |
N-Channel JFET, 40V, 50 to 130uA, 0.13mS, SMCP N-Channel Junction Silicon FET Impedance Converter Applications
|
ON Semiconductor Sanyo Semicon Device
|
ADC08DJ3200 ADC08DJ3200AAV ADC08DJ3200AAVT |
<font color=red>[Old version datasheet]</font> 6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 8-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
|
TI store
|
LTC1046 LTC1046C LTC1046CN8 LTC1046CS8 LTC1046I LT |
“Inductorless?5V to 5V Converter “Inductorless 5V to 5V Converter “Inductorless” 5V to 5V Converter Programmable Logic Controller; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No “Inductorless5V to 5V Converter “Inductorless?/a> 5V to 5V Converter
|
LINER[Linear Technology] Linear Technology Corporation
|
MAX160-MX7574 MX7574 MAX7574TD MAX7574SQ MAX7574AQ |
Microprocessor compatible 8-bit A/D converter. Fast conversion time 15microsec. Error -3/4 LSB. Hex Schmitt-trigger Inverters 14-CFP -55 to 125 μP Compatible 8 Bit A/D Converter ヌP COMPATIBLE 8 BIT A/D CONVERTER 10 AMP MINIATURE POWER RELAY レP Compatible 8 Bit A/D Converter 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC18 ?? Compatible 8 Bit A/D Converter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
TC90A58F |
3-Channel AD Converter
|
Toshiba Semiconductor
|
MB39A105 |
1-Channel DC/DC Converter IC
|
Fujitsu
|