PART |
Description |
Maker |
EL7584NBSP EL7584 |
DC-DC Converter, 4-Channel, TFT/LCD Applications, VIN =2/14V, VBOOST , VON , VOFF , VCOM , IBOOST 350mA From old datasheet system 4-Channel DC:DC Converter
|
Intersil Corporation
|
EL7581 EL7581IRE EL7581IRE-T13 EL7581IRE-T7 EL7581 |
DC-DC Converter, 3-Channel, TFT/LCD Applications, V IN =2/14V VBOOST =5/18V, VON =5/40V, VOFF =-40/0V, IBOOST 720mA @ 12V 3-Channel DC-DC Converter 2.75 A SWITCHING REGULATOR, 1000 kHz SWITCHING FREQ-MAX, PDSO20
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HV4622PG HV4622PJ HV4622X HV4522 HV4522DJ HV4522PG |
32 CHANNEL SERIAL TO PARALLEL CONVERTER WITH P CHANNEL OPEN DRAIN OUTPUTS
|
Supertex Inc SUTEX[Supertex, Inc]
|
RBHV57009DG HV57009DG HV57009PG HV57009 HV57009X |
64-Channel Serial To Parallel Converter With P-Channel Open Drain Controllable Output Current
|
SUTEX[Supertex, Inc] Supertex Inc SUTEX[Supertex Inc]
|
ADUM5200 |
Dual-Channel Isolators with Integrated DC-to-DC Converter (2/0 channel directionality)
|
Analog Devices
|
EN7671A 2SK3738-TL-E 2SK3738-12 EN7671 |
N-Channel JFET, 40V, 50 to 130uA, 0.13mS, SMCP N-Channel Junction Silicon FET Impedance Converter Applications
|
ON Semiconductor Sanyo Semicon Device
|
AHE2812D-MSTR AHE2812D/CH-SLV AHE2812D/CH-MSTR AHE |
Ultralow Power Dual Comparators; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 8-Channel, ±10V Input 12-Bit, 100ksps ADC Converter with Shutdown; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C DC to DC Converter DC至DC转换 DC to DC Converter DCDC转换
|
International Rectifier, Corp. OlympicControls, Corp.
|
MN65702H |
Low Power 8-Bit, 3-Channel CMOS D/A Converter for Image Processing PARALLEL, 8 BITS INPUT LOADING, 0.03 us SETTLING TIME, 8-BIT DAC, PQFP48 Low Power 8-Bit 3-Channel CMOS D/A Converter for Image Processing
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
ADUM5240 |
Dual-Channel Isolators with <em>iso</em>Power® Integrated DC/DC Converter, 50 <span style="text-transform: lowercase">m</span>W (2/0 channel directionality)
|
Analog Devices
|
2SK3230B |
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM N-CHANNEL SILICON J-FET
|
NEC
|