PART |
Description |
Maker |
LT1964EDDPBF LT1964IDDPBF LT1964ES5-SDPBF LT1964IS |
200mA, Low Noise, Low Dropout Negative Micropower Regulator; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO8 200mA, Low Noise, Low Dropout Negative Micropower Regulator 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 200mA, Low Noise, Low Dropout Negative Micropower Regulator 5 V FIXED NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 200mA, Low Noise, Low Dropout Negative Micropower Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 5 V FIXED NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 LEAD FREE, PLASTIC, MO-193, TSOT-23, 5 PIN 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 PLASTIC, MO-193, TSOT-23, 5 PIN 200mA, Low Noise,Low Dropout Negative Micropower Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
UR132-12-AE3-3-R UR132-15-AE3-3-R UR132-18-AE3-3-R |
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR 200mA的低压差线性稳压器 200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO3
|
??『绉???′唤?????? UTC[Unisonic Technologies] 友顺科技股份有限公司 Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
MC33761SNT1-25 MC33761SNT1-29 MC33761SNT1-50G MC33 |
Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control COMPACT FLASH CARD, 32MB Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control 2.9 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control 3 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5
|
ONSEMI[ON Semiconductor]
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
7205ERPDC-30 7205ERPDS-30 7205ERPDE-30 7205ERPDP-2 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout x9 Asynchronous FIFO 150mA, Low-Dropout Linear Regulator with Power OK Output X9热卖异步FIFO
|
Ohmite Mfg. Co.
|
LDO59 |
IP Library: Ultra Low Noise, High PSRR, Low Power, 20mA Low Dropout Voltage Regulator
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
NCP707BMX300TCG NCP707AMX280TCG NCP707BMX185TCG NC |
200 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
|
ON Semiconductor
|
MIC5201 |
200mA Low-Dropout Regulator
|
Micrel Semiconductor
|
TPS79901-EP |
<font color=red>[Old version datasheet]</font> 200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
|
TI store
|
RT9177 RT9177-24CBR RT9177-25CBR RT9177-26CB RT917 |
Low Dropout Voltage(220mV @ 200mA)
|
TY Semiconductor Co., Ltd
|
|