PART |
Description |
Maker |
MFSS156-XX |
MAS-CON IDC Connectors
|
ITW Pancon
|
1-FHF-12M288 1-FHF-10M000 2-ANF-20M000 1-FHF-13M00 |
VCXO, CLOCK, 19.44 MHz, CMOS OUTPUT VCXO, CLOCK, 12.288 MHz, CMOS OUTPUT VCXO, CLOCK, 13 MHz, CMOS OUTPUT VCXO, CLOCK, 16.384 MHz, CMOS OUTPUT VCXO, CLOCK, 15.44 MHz, CMOS OUTPUT VCXO, CLOCK, 35.328 MHz, CMOS OUTPUT VCXO, CLOCK, 30 MHz, CMOS OUTPUT VCXO, CLOCK, 20 MHz, CMOS OUTPUT VCXO, CLOCK, 1.544 MHz, CMOS OUTPUT VCXO, CLOCK, 32.768 MHz, CMOS OUTPUT VCXO, CLOCK, 51.84 MHz, CMOS OUTPUT VCXO, CLOCK, 10 MHz, CMOS OUTPUT VCXO, CLOCK, 12 MHz, CMOS OUTPUT VCXO, CLOCK, 14.318 MHz, CMOS OUTPUT VCXO, CLOCK, 40 MHz, CMOS OUTPUT VCXO, CLOCK, 18.432 MHz, CMOS OUTPUT VCXO, CLOCK, 12.352 MHz, CMOS OUTPUT VCXO, CLOCK, 44.736 MHz, CMOS OUTPUT VCXO, CLOCK, 27 MHz, CMOS OUTPUT VCXO, CLOCK, 24.576 MHz, CMOS OUTPUT VCXO, CLOCK, 65.536 MHz, CMOS OUTPUT VCXO, CLOCK, 40.96 MHz, CMOS OUTPUT
|
VECTRON INTERNATIONAL
|
MC14504B-D |
Hex Level Shifter for TTL to CMOS or CMOS to CMOS
|
ON Semiconductor
|
UPD65626 UPD65632 UPD65654 UPD65650 UPD65651 UPD65 |
CMOS-6/6A/6V/6X 1.0-MICRON CMOS GATE ARRAYS CMOS-6/6A/6V/6X 1.0微米CMOS门阵
|
http:// NEC, Corp. NEC Corp. NEC[NEC]
|
CAT28F010 CAT28F010TI-70T CAT28F010PI-70T CAT28F01 |
120ns 2M-bit CMOS flash memory 90ns 2M-bit CMOS flash memory 70ns 2M-bit CMOS flash memory 1 Megabit CMOS Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
TCXO-501-DAE-106 TCXO-501-EAR-156 TCXO-501-EAK-156 |
Temperature Compensated Crystal Oscillator TCVCXO, CLOCK, 46 MHz, CMOS OUTPUT TCVCXO, CLOCK, 44 MHz, CMOS OUTPUT TCVCXO, CLOCK, 48 MHz, CMOS OUTPUT TCVCXO, CLOCK, 12.352 MHz, CMOS OUTPUT TCVCXO, CLOCK, 10 MHz, CMOS OUTPUT TCVCXO, CLOCK, 19.2 MHz, CMOS OUTPUT TCVCXO, CLOCK, 12.8 MHz, CMOS OUTPUT TCVCXO, CLOCK, 15.36 MHz, CMOS OUTPUT TCVCXO, CLOCK, 19.6608 MHz, CMOS OUTPUT TCVCXO, CLOCK, 11 MHz, CMOS OUTPUT TCVCXO, CLOCK, 14.31818 MHz, CMOS OUTPUT TCVCXO, CLOCK, 25.165824 MHz, CMOS OUTPUT TCVCXO, CLOCK, 16.8 MHz, CMOS OUTPUT TCVCXO, CLOCK, 30.08 MHz, CMOS OUTPUT TCVCXO, CLOCK, 20 MHz, CMOS OUTPUT TCVCXO, CLOCK, 13 MHz, CMOS OUTPUT TCVCXO, CLOCK, 50 MHz, CMOS OUTPUT TCVCXO, CLOCK, 8.75 MHz, CMOS OUTPUT TCVCXO, CLOCK, 10.23 MHz, CMOS OUTPUT
|
Vectron International, Inc http://
|
MAX4605 MAX4606 MAX4605CSE MAX4605CPE MAX4605ESE M |
5<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Quad.SPST.CMOS Analog Switches 5Ω、四路、SPST、CMOS模拟开 5з, Quad, SPST, CMOS Analog Switches 5ohm, Quad, SPST, CMOS Analog Switches 5?, Quad, SPST, CMOS Analog Switches 5, Quad, SPST, CMOS Analog Switches 5 / Quad / SPST / CMOS Analog Switches
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
CDP1851 CDP1851C CDP1851CD CDP1851CDX CDP1851CE CD |
CMOS Programmable I/O Interface From old datasheet system CMOS Programmable I/O Interface(CMOS 可编程I/O接口) CMOS可编程I / O接口的CMOS(可编程的I / O接口 CMOS Programmable I/O Interface(CMOS ???绋?/O?ュ?)
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
UPD65321 UPD65322 UPD65323 UPD65941GB-XXX-YEU UPD6 |
Channel-less CMOS gate array employing 0.25 um technology (CMOS-10HD) Channelless type CMOS gate array using 0.35um process
|
NEC
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
|