PART |
Description |
Maker |
HA118059 HA118099 |
(HA118059 / HA118099) 3-Circuit / 2-Point Video Switch
|
Hitachi
|
UPG2163T5N-E2-A UPG2163T5N-09 |
GaAs Integrated Circui Broadband SPDT Switch for Dual-Band Wireless LAN
|
Renesas Electronics Corporation California Eastern Labs
|
14-56-4065 |
2.54mm (.100") Pitch SL垄芒 Insulation Displacement Connector Assembly, Female,Single Row, Version D, Back Ribs, Wire Size 28, 0.76楼矛m (30楼矛") Gold (Au), 6 Circui
|
Molex Electronics Ltd.
|
0015912205 |
2.54mm (.100) Pitch SL垄芒 Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 20 Circui
|
Molex Electronics Ltd.
|
14-56-4033 |
2.54mm (.100) Pitch SL Insulation Displacement Connector Assembly, Female,Single Row, Version D, Back Ribs, Wire Size 26, 0.76μm (30μ) Gold (Au), 3 Circuits 2.54mm (.100") Pitch SL垄芒 Insulation Displacement Connector Assembly, Female,Single Row, Version D, Back Ribs, Wire Size 26, 0.76楼矛m (30楼矛") Gold (Au), 3 Circui
|
Molex Electronics Ltd.
|
MMB1502R960-263 MM-B1502-R960 36718-0007 |
2.54mm (.100") Pitch DIN 41612 Receptacle, Style R, Male, Right Angle, Through Hole, 0.60渭m (24渭") Selective Gold (Au), PC Tail Length 4.50mm (.177"), 96 Circui 2.54mm (.100) Pitch DIN 41612 Receptacle, Style R, Male, Right Angle, Through Hole, 0.60μm (24μ) Selective Gold (Au), PC Tail Length 4.50mm (.177), 96 Circuits
|
Molex Electronics Ltd.
|
15-91-2125 0015912125 70634-0046 A-70634-0046 |
2.54mm (.100) Pitch SL?/a> Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 12 Circuits 2.54mm (.100) Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 12 Circuits 2.54mm (.100) Pitch SL垄芒 Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 12 Circui
|
Molex Electronics Ltd.
|
15-91-2145 0015912145 70634-0048 A-70634-0048 |
2.54mm (.100) Pitch SL?/a> Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 14 Circuits 2.54mm (.100) Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 14 Circuits 2.54mm (.100) Pitch SL垄芒 Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 14 Circui
|
Molex Electronics Ltd.
|
15-91-2155 0015912155 |
2.54mm (.100) Pitch SL?/a> Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 15 Circuits 2.54mm (.100) Pitch SL Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 15 Circuits 2.54mm (.100) Pitch SL垄芒 Wire-to-Board Header, Low Profile, Surface Mount, Single Row, Right Angle, .120 Pocket, Shrouded, with Press-fit Plastic Peg, 15 Circui
|
Molex Electronics Ltd.
|
|