PART |
Description |
Maker |
SSM2019BRWZ SSM2019BNZ SSM2019BRWZRL SSM2019BRNZ S |
Self-Contained Audio Preamplifier 1 CHANNEL, AUDIO PREAMPLIFIER, PDSO8 Self-Contained Audio Preamplifier; Package: PDIP; No of Pins: 8; Temperature Range: TBD 1 CHANNEL, AUDIO PREAMPLIFIER, PDIP8 Self-Contained Audio Preamplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 1 CHANNEL, AUDIO PREAMPLIFIER, PDSO8 Self-Contained Audio Preamplifier; Package: SOIC; No of Pins: 8; Temperature Range: TBD 1 CHANNEL, AUDIO PREAMPLIFIER, PDSO8
|
ANALOG DEVICES INC Analog Devices, Inc.
|
BD6373GW |
6ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
|
Rohm
|
AT76C111NBSP AT76C111 |
AT76C111 Summary [Updated 8/02. 3 Pages] A highly Integrated Solution for Digital Cameras. It combines a number of functions that are required in implementing digital cameras. The Complete is available under Non-Disclosure Agreement. High-Performance Digital Camera Processor
|
ATMEL Corporation
|
LA3225 LA3225T LA3226T LA3225TLA3226T |
2-Channel Preamplifier Car Stereo 2 Channel Preamplifier with ALC
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
AD8331 AD8331ARQ AD8331ARQ-REEL AD8331ARQ-REEL7 AD |
Dual VGA with Ultralow Noise Preamplifier and Programmable RIN Single VGA with Ultralow Noise Preamplifier and Programmable RIN Ultralow Noise VGAs with Preamplifier and Programmable RIN
|
AD[Analog Devices]
|
DBL2091 |
Remocon Receiver Preamplifier REMOCON RECAIVER PREAMPLIFIER
|
DAEWOO[Daewoo Semiconductor]
|
LA4581 LA4581MB |
Oscillator; Frequency:75MHz; Frequency Tolerance: /-50ppm; Load Capacitance:15pF; Supply Voltage:3.3V; Crystal Terminals:Surface Mount (SMD, SMT) Preamplifier Power Amplifier for 3V Headphone Stereos Preamplifier Power Amplifier for 3V Headphone Stereos
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
MAX3760 MAX3760ESA MAX3760E_D MAX3760E/D |
622Mbps Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers 622Mbps / Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers 8-Bit Registered LVDM Transceiver 64-TSSOP -40 to 85 622Mbps、低噪声互阻前置放大器,用于LAN及WAN光接收器 Quad LVDS Transmitter with Flow-Through Pinout 16-SOIC -40 to 85 ATM/SONET/SDH SUPPORT CIRCUIT, PDSO8 622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers ATM/SONET/SDH SUPPORT CIRCUIT, UUC9
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
SA1622 |
AUDIO PREAMPLIFIER&
|
Silan Microelectronics Joint-stock
|
LA3235W |
1.5 V Record Preamplifier
|
SANYO[Sanyo Semicon Device]
|