PART |
Description |
Maker |
DS2760TA-025 DS2760T-025 DS2760EA-025 DS2760XA-025 |
High Precision Li-Ion Battery Monitor 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16 128 x 128 pixel format, LED or EL Backlight available 122 x 32 pixel format, LED or EL Backlight available
|
http:// DALLAS SEMICONDUCTOR
|
G910T21D G910T21T G910T21U G910T22B G910T22D G910T |
122 x 32 pixel format, LED Backlight available 3.3 400mA/250mA低压差稳压器 122 x 32 pixel format, LED or EL Backlight available 3.3 400mA/250mA低压差稳压器 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护 Torque Control Screwdriver; Overall Length:127mm (G910 / G911) 3.3V 400mA/250mA Low Dropout Regulator 3.3V 400mA/250mA Low Dropout Regulator
|
Global Mixed-mode Technology, Inc. Global Mixed-mode Technology Inc. ETC GMT[Global Mixed-mode Technology Inc] http:// Global Mixed-mode Techn...
|
CM20TF-12H |
Six-IGBT IGBTMOD 20 Amperes/600 Volts 122 x 32 pixel format, LED Backlight available
|
Powerex Power Semiconductors
|
CM100TF-28H |
122 x 32 pixel format, LED Backlight available Six-IGBT IGBTMOD 100 Amperes/1400 Volts
|
POWEREX[Powerex Power Semiconductors]
|
CM30TF-24H |
122 x 32 pixel format, LED Backlight available 中功率开关使用绝缘型 MEDIUM POWER SWITCHING USE INSULATED TYPE
|
Mitsubishi Electric, Corp. MITSUBISHI[Mitsubishi Electric Semiconductor]
|
CM100TF-24H CM100TF-24 |
HIGH POWER SWITCHING USE INSULATED TYPE SOCKET,PLCC,32 PIN 122 x 32 pixel format, LED Backlight available
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
A29L400UG-90U A29L400UV-90U A29L400TM-90 A29L400TM |
512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory 12k × 8 256 × 16位的CMOS 3.0伏只,引导扇区闪 240 x 128 pixel format, LED or EL Backlight 128 x 64 pixel format, LED Backlight available Replaced by PT78ST109 : 9Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 CARRY CASE FOR 300 SERIES DMM 640 x 480 pixel format, CCFL Backlight
|
http:// AMIC Technology, Corp. AMIC Technology Corporation
|
CM30TF-12H |
122 x 32 pixel format, LED Backlight available 30 A, 600 V, N-CHANNEL IGBT Six-IGBT IGBTMOD 30 Amperes/600 Volts
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
SPX2920U-3.3 SPX2920U3-3.3 SPX2920U3-5.0 SPX2920U5 |
320 x 240 pixel format, CFL backlight available with power harness 240 x 64 pixel format, CFL, LED, or EL Backlight available 400mA Low Drop Out Voltage Regulator with Shutdown, 1%
|
SIPEX[Sipex Corporation]
|
EN29LV800B70RSIP EN29LV800T70RSIP EN29LV800B70RS E |
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only 8兆位024K × 812k × 16位)闪存引导扇区闪存,CMOS 3.0伏, 122 x 32 pixel format, LED or EL Backlight available
|
Electronic Theatre Controls, Inc. Eon Silicon Solution Inc.
|
A49LF040TL-33F A49LF040TX-33F |
128 x 64 pixel format, LED Backlight available 240 x 128 pixel format, LED or EL Backlight
|
AMIC Technology Corporation
|
Z1SMA47 Z1SMA75 Z1SMA1 Z1SMA10 Z1SMA100 Z1SMA11 Z1 |
Surface mount Silicon-Zener Diodes (non-planar technology) 320 x 240 pixel format, Mechanical drop in to AGM3224S 43 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 320 x 240 pixel format, CFL backlight available with power harness 56 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 240 x 64 pixel format, LED, or EL Backlight available 17.95 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 320 x 240 pixel format, CFL backlight available with power harness 68 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|