PART |
Description |
Maker |
C-15-DFB-P-SSC2I-APC-O-01 |
1550nm MQW-DFB Laser Diode Module
|
Source Photonics, Inc.
|
C-13-15-D02-B-SSCH-G5 C-13-15-D02-BD-SSCH-G5 C-13- |
1310nm Emitting(DFB),1550nm Receiving(PIN-TIA,3.3V), Bi-directional Diplexer Optical Module
|
Source Photonics, Inc.
|
M5670NO MEC5670 |
TWTs, Continuous Wave
|
Teledyne Technologies Incorporated Teledyne Technologies I...
|
MTD5119-D |
TWTs, Continuous Wave
|
Teledyne Technologies Incor...
|
MEC5409-D MEC5410-D |
TWTs, Continuous Wave
|
Teledyne Technologies I...
|
MEC5405-D MEC5406-D |
TWTs, Continuous Wave
|
Teledyne Technologies I...
|
MEC5410 MEC5409 |
TWTs, Continuous Wave
|
Teledyne Technologies I...
|
MEC5411 |
TWTs, Continuous Wave
|
Teledyne Technologies I...
|
MEC5203-D |
TWTs, Continuous Wave
|
Teledyne Technologies Incorporated
|
CDPS532S020 CDPS532S010 |
Continuous Wave 532 nm Diode-Pumped Solid State Laser
|
JDS Uniphase Corporation
|
AH445-70 AH491-70 AH490-00 AH491-71 AH618-00 AH370 |
10 GHz - 11 GHz, GALLIUM ARSENIDE, CONTINUOUS WAVE GUNN DIODE 12 GHz - 13.5 GHz, GALLIUM ARSENIDE, CONTINUOUS WAVE GUNN DIODE 16.5 GHz - 18 GHz, GALLIUM ARSENIDE, CONTINUOUS WAVE GUNN DIODE 46 GHz - 50 GHz, GALLIUM ARSENIDE, CONTINUOUS WAVE GUNN DIODE 20 GHz - 22 GHz, GALLIUM ARSENIDE, CONTINUOUS WAVE GUNN DIODE 18 GHz - 20 GHz, GALLIUM ARSENIDE, CONTINUOUS WAVE GUNN DIODE
|
ATMEL CORP
|
|