PART |
Description |
Maker |
BZX84C18ET1 BZX84C18ET3 BZX84C4V7ET1 BZX84C7V5ET3 |
Small Signal 5% 27V Small Signal 5% 10V Small Signal 5% 5.6V Small Signal 5% 6.2V Small Signal 5% 6.8V Small Signal 4.7V Small Signal 5% 5.1V Zener Voltage Regulators From old datasheet system
|
ONSEMI[ON Semiconductor]
|
AN5302K AN5303K |
NTSC LUMINANCE SIGNAL, CHROMA-SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING ICs
|
Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
45912-0011 0459120011 |
12.90mm (.508) Pitch EXTreme PowerEdge? Mixed Power/Signal Card Edge Connector, Double Sided, 3 Segments (Signal, Signal, Power, Sequence), Press-Fit
|
Molex Electronics Ltd.
|
BCX23 BCX24 MM4257 2N5183 BSY62 BSX36 BSX79 BSY79 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Small Signal Transistors 125 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Leaded Small Signal Transistor General Purpose 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor C... http:// Seme LAB CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
BA7649 BA7649A BA7649AF A5801011 BA7649A/AF |
Voltage Output Temperature Sensor with Signal Conditioning; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 视频信号切换 From old datasheet system Video signal switcher Multimedia LSIs > AV swiches > VCR signal selection switches
|
Rohm Co., Ltd. ROHM[Rohm]
|
SR02150 SR0220 SR02100-HF-T SR02200-HF-F SR0220-HF |
LOW Vf SCHOTTKY BARRIER RECTIFIER 0.2 A, 100 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 20 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 150 V, SILICON, SIGNAL DIODE, DO-41
|
Rectron Semiconductor RECTRON LTD
|
74696-1003 74696-2511 74696-2521 74696-2519 74696- |
HSD BP 5R 10C SIGNAL END ASSY 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT HSD BACKPLANE ASSY 5R 25 COL SIGNAL END VHDM 5 Row HSD Signal End Backplane HSD BP 5R 25C SIGNAL ASSY KEY A
|
Molex, Inc. MOLEX INC
|
1S922 1S923 1S923TR 1S922TR |
Small Signal Diode 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-35 Small Signal Diode 0.2 A, 150 V, SILICON, SIGNAL DIODE, DO-35 High Conductance Fast Diode
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
2SB1326TV6/PQ 2SB1326TV3/PQ 2SB1236ATV2/NP 2SC2021 |
5000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 600 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
SD103A09 SD103B-35B |
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES 0.35 A, 30 V, SILICON, SIGNAL DIODE, DO-35
|
Pan Jit International Inc.
|
LL101A-GS08 LL101B-GS08 LL101C-GS08 LL101A-GS18 LL |
Small Signal Schottky Diodes 0.03 A, 50 V, SILICON, SIGNAL DIODE, DO-213AA
|
Vishay Siliconix http:// VISHAY SEMICONDUCTORS
|
|