PART |
Description |
Maker |
NDH8320C |
Dual N & P-Channel Enhancement Mode Field Effect Transistor(双N沟道和P沟道增强型场效应N沟道:漏电流3A, 漏源电压20V,导通电.06Ω;P沟道:漏电流-2A, 漏源电压-20V,导通电.13Ω 3000 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET Dual N & P-Channel Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
CMLDM7002A CMLDM7002AJ |
SMD Small Signal Mosfet Dual N-Channel Enhancement Mode SURFACE MOUNT PICOmini DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
|
CENTRAL[Central Semiconductor Corp]
|
APM9988COC-TUL APM9988COC-TRL |
Dual N-Channel Enhancement Mode MOSFET 双N沟道增强型MOS Dual N-Channel Enhancement Mode MOSFET 6 A, 20 V, 0.02 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MO-153AA
|
Anpec Electronics, Corp.
|
BL-BJ33V4V-1 |
Dual N-Channel & Dual P-Channel Matched MOSFET Pair, Enhancement Mode, 14L CDIP LED AlGaInP/GaAs Super Orange Low current requirement.
|
Bright LED Electronics Corp.
|
BSS84DW2 BSS84DW-7-F |
DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR 130 mA, 50 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes Incorporated Diodes, Inc.
|
DMN601DWK07 DMN601DWK-7 |
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR 3.3V, Full Duplex, 10Mbps, EIA RS-485 Transceiver 305 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes Incorporated http:// Diodes, Inc.
|
2-87879-0 2-87879-5 2-87879-9 2-87879-7 2-87879-1 |
CONNECTOR ASSEMBLY, MOD IV, SINGLE ROW .100CL, DUAL ENTRY
|
Tyco Electronics
|
3N191 X3N190-91 3N190 3N190-91 X3N191 |
50 mA, 40 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench MOSFET Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
NTTD1P02R2 NTTD1P02 |
Power MOSFET -1.45 Amps, -20 Volts P-Channel Enhancement Mode Dual Micro8 Package(-1.45 A, -20 V,双P通道,增强模式,Micro8封装的功率MOSFET) 1450 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ON Semiconductor
|
NTE2975 |
Dual Channel, 1/1, 25Mbps Digital Isolator 8-SOIC -40 to 125 MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
NTE2957 |
Dual Channel, 2/0, 25Mbps Digital Isolator 8-SOIC -40 to 125 MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE Electronics, Inc.
|
|