PART |
Description |
Maker |
BYV26E BYV26 BYV26A BYV26B BYV26C BYV26D |
ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% From old datasheet system Very Fast Soft-Recovery Avalanche Rectifier ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80%
|
Vishay Intertechnology,Inc. Vishay Telefunken VISAY[Vishay Siliconix]
|
TS13003ACTB0 TS13003A TS13003ACTA3 |
ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% High Voltage NPN Transistor
|
Taiwan Semiconductor Co., Ltd. TSC[Taiwan Semiconductor Company, Ltd]
|
BR3500 BR3501 BR3502 BR3504 BR3510 BR3506 BR3508 |
SILICON BRIDGE RECTIFIERS ECONOLINE: ROM - Micro Size SIP4 Package- 3kVDC Isolation- Industry Standard Pinout- UL94V-0 Package Material- Custom Solutions Available- Cost Effective- Efficiency to 85% 硅桥式整流器
|
EIC discrete Semiconduc... EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited
|
ACT4419FP ACT4419 |
ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% Single Supply Variable Amplitude Transceivers for MIL-STD-1553
|
Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|
ACT4433-DI ACT4433 ACT4433-D ACT4433-DF ACT4433-DF |
ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% ACT 4433 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
|
Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|
BF588 |
Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% PNP high-voltage transistor
|
Philips Semiconductors
|
ALD2301B ALD2301BDA ALD2301BPA ALD2301BSA ALD2301C |
ECONOLINE: REC3-S_DRW(Z)/H* - 3W DIP Package- 1kVDC Isolation- Wide Input 2:1 & 4:1- Regulated Output- 100% Burned In- UL94V-0 Package Material- Continuous Short Circiut Protection- Efficiency to 80% DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
|
Advanced Linear Devices, Inc. ALD[Advanced Linear Devices]
|
AD698 AD698AP AD698APZ |
ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% SIGNAL CONDITIONER, PQCC28 Universal LVDT Signal Conditioner
|
Analog Devices, Inc. ANALOG DEVICES INC
|
2N3907 AD821 2N6092 2N6090 2N6443 2N6444 2N6446 2N |
ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 SILICON DUAL DIFFERNTIAL AMPLIFIER TRANSISTORS
|
Electronic Theatre Controls, Inc. ETC[ETC]
|
BD540A BD540 BD540B BD540C |
PNP SILICON POWER TRANSISTORS ECONOLINE: RI - Custom Solutions Available- 1kVDC Isolation- No Extern. Components Required- UL94V-0 Package Material- No Heatsink Required- Efficiency to 87%
|
POINN[Power Innovations Ltd] Power Innovations Limited Power Innovations International, Inc.
|
AD7707 AD7707EB |
ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% 3 V/5 V 610 V Input Range 1 mW 3-Channel 16-Bit Sigma-Delta ADC(316.51 k) 3 510 V输入范围1毫瓦3通道16位Δ模数转换器(316.51十一
|
Analog Devices, Inc.
|