PART |
Description |
Maker |
2SC4983 2SA1881 |
PNP Epitaxial Planar Silicon Transistor Low-Frequency General-Purpose Amplifier Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1865 0175 |
PNP Epitaxial Planar Silicon Transistor Muting Circuits, Driver Applications From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1732 0137 |
PNP Epitaxial Planar Silicon Transistor High-Speed Switching Applications From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1702 0122 |
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1731 |
PNP Epitaxial Planar Silicon Transistor High-Speed Switching Applications PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1386A 2SA1386 |
Silicon PNP Epitaxial Planar Transistor(PNP外延平面晶体 15 A, 180 V, PNP, Si, POWER TRANSISTOR Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
2SA1857 0173 |
PNP Epitaxial Planar Silicon Transistor FM, RF, MIX, IF Amplifier High-Frequency General-Purpose Amplifier Applications From old datasheet system PNP Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA2040 2SC5707 C5707 2SA2040TP 2SA2040TP-FA 2SC57 |
PNP Epitaxial Planar Silicon Transistors High Current Switching Applications PNP / NPN Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 8A I(C) | TO-251VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 8A I(C) | TO-252VAR Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
RN4603 |
Transistor PNP Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
|
Toshiba Semiconductor
|
RN4605 |
Transistor PNP Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
|
TOSHIBA[Toshiba Semiconductor]
|
2SA1580 2SC4104 |
PNP Epitaxial Planar Silicon Transistors High-Definition CRT Display Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
BC80725MTFNL BC80816MTF FAIRCHILDSEMICONDUCTORCORP |
PNP Epitaxial Silicon Transistor 800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|