PART |
Description |
Maker |
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
LC662304A LC66E5316 LC66P5316 LC662104A LC662106A |
Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device]
|
STLC2500 |
BLUETOOTH SINGLE CHIP BLUETOOTH?/a> SINGLE CHIP BLUETOOTH SINGLE CHIP BLUETOOTH⑩ SINGLE CHIP
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ISD1210 ISD1212 |
Single-Chip Voice Record/Playback Device(Single-chip Durations of 10 seconds)(单片的录录音重放一片信息存储持续时0秒)) Single-Chip Voice Record/Playback Device(Single-chip Durations of 12 seconds)(单片的录录音重放一片信息存储持续时2秒))
|
Winbond Electronics Corp
|
BT1074BI |
Single chip 850-950 MHz RF transeiver SINGLE CHIP 850-950MHz RF TRANSCEIVER From old datasheet system
|
BTI BethelTronix Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
SM6004 SM6006 |
16-Bit Single-Chip Microcomputers Low Voltage High Speed 16-Bit Single Chip Microcomputer
|
Sharp Electrionic Component... SHARP[Sharp Electrionic Components]
|
LPC2194 LPC2194JBD64 |
Single-chip 32-bit micro with CAN Single-chip 16/32-bit microcontrollers 256 kB ISP/IAP Flash with 10-bit ADC and CAN
|
PHILIPS[Philips Semiconductors]
|
LC5851 LC5851N |
Four-Bit Single-Chip Microcontroller with On-Chip LCD Drivers for Small-Scale Control in Medium-Speed Applications Small-Scale Control, Medium Speed Type, On-Chip LCD Driver 4-Bit Single Chip Microcomputer
|
SANYO[Sanyo Semicon Device]
|
LC865608A LC865624A |
8-Bit Single Chip Microcontroller with On-Chip 8K-Byte ROM and 512-Byte RAM(8位单片微控制器(带片K字节ROM12字节RAM 8-Bit Single Chip Microcontroller with On-Chip 24K-Byte ROM and 640-Byte RAM(8位单片微控制器(带片24K字节ROM640字节RAM 8位单片机微控制器的片上足金字节ROM640字节的RAM位单片微控制器(带片上ROM的足金字节和640字节的RAM))
|
Sanyo Electric Co.,Ltd. Sanyo Electric Co., Ltd.
|
HD40L4240H HD40L4240P HD40L4240S HD404240H HD40424 |
V(cc): -0.3 to 7.0V; CMOS 4-bit single-chip microcomputer CMOS 4bit single-chip microcomputers
|
HITACHI[Hitachi Semiconductor]
|