PART |
Description |
Maker |
AEC-6646-A1-1010 |
Intel? Core i Desktop LGA1155 Socket CPU Support(Maximum 65W CPU)
|
AAEON Technology
|
PCA-6278 PCA-6278E2-00A1 PCA-6278VE-00A1 |
Dual Pentium III CPU Cards 双奔腾III CPU
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
S7-300 S7300 |
CPU 31xC and CPU 31x
|
Siemens
|
X5163 X5163P X5163S8 X5163S8-2.7 X5163S8-2.7A X516 |
RTC Module With CPU Supervisor CPU Supervisor with 16Kbit SPI EEPROM
|
http:// XICOR[Xicor Inc.]
|
EP910ILI-12 EP910LC-30T EP910LI-35 EP910PI-35 EP91 |
CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 14-TSSOP UV-Erasable/OTP PLD CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP RTC Module With CPU Supervisor 时钟模块CPU监控
|
Rochester Electronics, LLC
|
PIC16LC74A-04/JW PIC16LC74A-04E/P PIC16LC74A-04I/J |
8-BIT, MROM, 4 MHz, RISC MICROCONTROLLER, PDSO28 MICROCONTROLLER|8-BIT|PIC CPU|CMOS|DIP|40PIN|CERAMIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|DIP|40PIN|PLASTIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|QFP|44PIN|PLASTIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|LDCC|44PIN|PLASTIC Low Loss PowerPath Controller in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C MICROCONTROLLER|8-BIT|PIC CPU|CMOS|TQFP|44PIN|PLASTIC (PIC16LC7X) 8-Bit CMOS Microcontrollers 8-BIT, OTPROM, 10 MHz, RISC MICROCONTROLLER, PDSO28 8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PDIP40 8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PQFP44 PIC16C72/73/73A/74/74A/76/77 Datasheet 8-BIT, MROM, 4 MHz, RISC MICROCONTROLLER, PQFP44 10 X 10 MM, PLASTIC, MQFP-44
|
Microchip Technology, Inc.
|
EP8274NBSP EP8274 EP8289 EP8290 EP8291 EP8292 EP82 |
14 Pin DIP 5 Tap Low Power TTL Compatible Active Delay Lines ACTIVE DELAY LINE, TRUE OUTPUT, PDIP8 CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 16Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-TSSOP CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-TSSOP CPU Supervisor with 8Kbit SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC From old datasheet system Tapped Delay Line
|
PCA ELECTRONICS INC. PCA Electronics Inc
|
UPD78P064GF-3BA UPD78P064KL-T |
MICROCONTROLLER,8-BIT,UPD78K0 CPU,CMOS,QFP,100PIN,PLASTIC MICROCONTROLLER,8-BIT,UPD78K0 CPU,CMOS,LLCC,100PIN,CERAMIC From old datasheet system
|
NEC Electron Devices
|
UPD703107AF1-XXX-EN4 UPD703107AGJA-XXX-UEN UPD7031 |
MICROCONTROLLER|32-BIT|V850 CPU|CMOS|QFP|144PIN|PLASTIC MICROCONTROLLER|32-BIT|V850 CPU|CMOS|BGA|161PIN|PLASTIC 单片机| 32位|位V850的CPU |的CMOS | BGA封装| 161PIN |塑料 32-BIT, MROM, 50 MHz, MICROCONTROLLER, PBGA161
|
Panduit, Corp.
|
UPD70F3107AF1-EN4 UPD70F3107AGA-UEN UPD70F3107AF1- |
MICROCONTROLLER|32-BIT|V850 CPU|CMOS|BGA|161PIN|PLASTIC MICROCONTROLLER|32-BIT|V850 CPU|CMOS|QFP|144PIN|PLASTIC 32-BIT, 50 MHz, MICROCONTROLLER, PBGA161 13 X 13 MM, PLASTIC, FBGA-161
|
NEC, Corp.
|
SOM-4455F-L0A2E SOM-4455F-LSA2E SOM-4455FL-L0A2E S |
AMD Geode垄芒 LX800 ETX CPU Module AMD Geode?/a> LX800 ETX CPU Module
|
Advantech Co., Ltd.
|