PART |
Description |
Maker |
1-57013-3 1-57013-9 2-57013-3 4-57013-6 4-57013-9 |
KABEL FLACHBAND RASTER 0.63MM 20ADRIG KABEL FLACHBAND RASTER 0.63MM 50ADRIG ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits WIRE/CABLE PLANAR 电线/电缆平面 Evaluation System/Evaluation Kit for the MAX1233, MAX1234
|
TE Connectivity, Ltd.
|
AT7601F AT7601FG |
Printer Port Controller
|
Analog Microelectronics
|
3114 311406 311402 311403 311404 311405 311407 311 |
Minimodul?Steckverbinder, Raster 2,5 mm Minimodul垄芒-Steckverbinder, Raster 2,5 mm
|
Lumberg
|
MICS-SMD MICS-SMD04 MICS-SMD04RP MICS-SMD06 MICS-S |
Micromodul?Steckverbinder, Raster 1,27 mm Micromodul垄芒-Steckverbinder, Raster 1,27 mm
|
Lumberg
|
2.5MSF 2.5MSF20 2.5MSF02 2.5MSF03 2.5MSF04 2.5MSF0 |
Minimodul垄芒-Steckverbinder, Raster 2,5 mm Minimodul?Steckverbinder, Raster 2,5 mm
|
Lumberg
|
FTP-628CU301 FTP-628DSL305 FTP-628MCL053 FTP-628MC |
2?HIGH SPEED THERMAL PRINTER 2隆卤 HIGH SPEED THERMAL PRINTER 2” HIGH SPEED THERMAL PRINTER
|
http:// Fujitsu Component Limited. Fujitsu Media Devices Limited
|
3523 352309 352310 3523-205 3523-207 3523-209 3523 |
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
|
Lumberg
|
3672 |
RAST-5-Steckverbinder, Raster 5,0 mm
|
Lumberg
|
3556 355602 |
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
|
Lumberg
|
3510-202 3510-203 3510-204 3510-205 3510-206 3510- |
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
|
Lumberg
|
311103L 311103G 311103G500 311101L 311101G 311101G |
Minimodul?Steckverbinder, Raster 2,5 mm
|
Lumberg
|