PART |
Description |
Maker |
ADF7020BCP ADF7020 EVAL-ADF7020DB2 EVAL-ADF7020DB1 |
ISM Band Transceiver IC High Performance ISM Band FSK/ASK Transceiver IC
|
AD[Analog Devices]
|
ADF7025 ADF7025BCPZ EVAL-ADF70XXMB EVAL-ADF70XXMB2 |
High Performance ISM Band Transceiver IC
|
AD[Analog Devices]
|
ADF7020BCPZ EVAL-ADF7020DBZ1 EVAL-ADF7020DBZ2 EVAL |
High Performance, ISM Band, FSK/ASK Transceiver IC
|
Analog Devices
|
AT86RF211 |
ASSP for ISM - 400 to 950 MHz ISM Band, Up to 64K-bits/second Data Rate, FSK Modulation, Single Chip Transceiver for robust Wireless Low-cost Applications optimized for License Free in ISM bands.
|
Atmel
|
MP5360M MP5361M |
High Speed, Low Power RF Modules for the 2.45 GHz ISM Band
|
List of Unclassifed Manufacturers ETC
|
WPANTDP028 |
This single band dipole antenna is an ideal solution for single band WLAN access points operating in the ISM 2.45GHz band
|
World Produts Inc.
|
ATR2406 ATR2406-PNQG ATR2406-DEV-BOARD ATR2406-PNS |
The ATR2406 is a single chip RF-transceiver intended for applications in the 2.4 GHz ISM band. The QFN32 packaged IC is a complete ... LOW IF .4 GHZ ISM TRANSCEIVER
|
ATMEL[ATMEL Corporation]
|
ATF22V10 ATF22V10B ATF22V10B-10JC ATF22V10B-10JI A |
High- Performance EE PLD FLASH PLD, 25 ns, PDSO24 High- Performance EE PLD FLASH PLD, 25 ns, PDIP24 Single Supply, Dual SPST Switch FLASH PLD, 15 ns, PDIP24 High- Performance EE PLD FLASH PLD, 15 ns, PDIP24 High- Performance EE PLD FLASH PLD, 15 ns, PDSO24 High- Performance EE PLD FLASH PLD, 10 ns, PDIP24 High- Performance EE PLD FLASH PLD, 15 ns, PQCC28 High- Performance EE PLD FLASH PLD, 10 ns, CQCC28 High- Performance EE PLD FLASH PLD, 15 ns, CDIP24 High- Performance EE PLD FLASH PLD, 7.5 ns, PDIP24 High- Performance EE PLD FLASH PLD, 7.5 ns, PDSO24 High- Performance EE PLD FLASH PLD, 10 ns, PDSO24 3.3V, 1 Output, LVTTL to LVPECL Clock Converter CAP 470PF 16V 5% X7R SMD-0603 TR-7 PLATED-NI/SN High-performance EE PLD
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation] http://
|
AD547JH AD547LH AD547SCHIPS AD542 AD544 AD542LH AD |
Initial offset voltage: 2.0mV; high performance BiFET operational amplifier Initial offset voltage: 1.0mV; high performance BiFET operational amplifier High Performance,BiFET Operational Amplifiers(高性能,BiFET运算放大 High Performance, BiFET Operational Amplifiers OP-AMP, 500 uV OFFSET-MAX, 1 MHz BAND WIDTH, UUC High Performance/ BiFET Operational Amplifiers MLT Series Linear Position Transducer, 127,0 mm [5.0 in] Electrical Travel, 1.0 % Linearity, Item Number F38000105 , CAMERAS, MEMORY BACK-UP, PAGERS AND WATCHES RoHS Compliant: NA
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|
RFB915B MICRF600 MICRF610 MICRF620 MICRF620TR RFB4 |
434MHz ISM Band Transceiver Module
|
MICREL[Micrel Semiconductor]
|
IA4320 |
Universal ISM Band FSK Transceiver
|
Interation
|