PART |
Description |
Maker |
LTC1046 LTC1046C LTC1046CN8 LTC1046CS8 LTC1046I LT |
“Inductorless?5V to 5V Converter “Inductorless 5V to 5V Converter “Inductorless” 5V to 5V Converter Programmable Logic Controller; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No “Inductorless5V to 5V Converter “Inductorless?/a> 5V to 5V Converter
|
LINER[Linear Technology] Linear Technology Corporation
|
2SC5434 2SC5434-T1 |
Reduced noise high frequency amplification transistor NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION High-Frequecy Low-Noise Amplifier NPN Transistor(高频低噪声放大器NPN晶体
|
NEC[NEC] NEC Corp.
|
TMC3533KRC50 TMC3533 TMC3533KRC30 TMC3533KRC80 TMC |
Triple Video D/A Converter 8 bit, 80 Msps, 3.3V TRIPLE, PARALLEL, 8 BITS INPUT LOADING, 0.015 us SETTLING TIME, 8-BIT DAC, PQCC44 From old datasheet system Triple Video D/A Converter 8 bit/ 80 Msps/ 3.3V 30MHz Triple 8-Bit 3V Video D/A Converter 50MHz Triple 8-Bit 3V Video D/A Converter 80MHz Triple 8-Bit 3V Video D/A Converter
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BZY97-C12 BZY97-C11 BZY97-C68 BZY97-C13 BZY97-C15 |
CONVERTER DC-DC 10W 24V/15V DUAL CONVERTER DC-DC 10W 48V/3.3V SGL CONVERTER DC-DC 10W 48V/5V SGL CONVERTER DC-DC 1W 5V/12V DUAL CONVERTER DC-DC 12W 5V/15V DUAL 稳压二极 CONVERTER DC-DC 12W 5V/5V SGL 稳压二极 CONVERTER DC-DC 10W 48V/15V DUAL 稳压二极 CONVERTER DC-DC 10W 48V/5V DUAL 稳压二极 CONVERTER DC-DC 15W 48V/15V DUAL 稳压二极 CONVERTER DC-DC 6W 5V/5V SGL 稳压二极 CONVERTER DC-DC 6W 5V/12V SGL 稳压二极 CONVERTER DC-DC 20W 12V TRIPLE CONVERTER DC-DC 12W 5V/5V DUAL ZENER DIODES
|
http:// GE[General Semiconductor] GE Security, Inc.
|
REC10-2415DRWL REC10-6812DRWL REC10-6812DRWLZ REC1 |
10W DC/DC converter with 9V input, 15/670mA output 10W DC/DC converter with 9V input, 5/2000mA output 10W DC/DC converter with 69V input, -12/ -416mA output 10W DC/DC converter with 69V input, 5/2000mA output 10W DC/DC converter with 69V input, 15/670mA output 10W DC/DC converter with 69V input, -5/ -1000mA output ECONOLINE - DC/DC - CONVERTER 10W DC/DC converter with 68V input, -12/ -416mA output 10W DC/DC converter with 69V input, -15/ -333mA output 10W DC/DC converter with 69V input, 24/416mA output 10W DC/DC converter with 10V input, 5/2000mA output 10W DC/DC converter with 9V input, 12/830mA output
|
Recom International Power
|
RDC-630-A-H-1-R SDC-630-A-H-3-R RDC-630-A-H-3-R SD |
Synchro-to-Digital Converter 同步数字转换 Converter 转换 Resolver-to-Digital Converter 分解器数字转换器 SYNCHRO OR RESOLVER TO DIGITAL CONVERTER, DIP27 SYNCHRO OR RESOLVER TO DIGITAL CONVERTER, DMA27
|
HIROSE ELECTRIC Co., Ltd. Digi International, Inc. Welwyn Components, Ltd. Austriamicrosystems AG RAF Electronic Hardware DATA DEVICE CORP
|
5962-8980501IX 5962-89805012X |
RMS-to-DC Converter 4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter 有效 DC转换
|
Littelfuse, Inc.
|
TSL257 |
HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER
|
ETC
|
5962-8866905XX 5962-8866905ZX 5962-8866901XX 5962- |
12-Bit A/D Converter with 3-State Binary Outputs 3 1/2 Digit A/D Converter x9 Asynchronous FIFO X9热卖异步FIFO
|
Avago Technologies, Ltd.
|
BD7685FJ-LBE2 BD7683FJ-LBE2 BD7684FJ-LB |
Low Noise Quasi-Resonant Control DC/DC converter IC for AC/DC Converter
|
ROHM
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|