PART |
Description |
Maker |
PIC12F629 PIC12F629EMF PIC12F629EP PIC12F629ESN PI |
8-Pin FLASH-Based 8-Bit CMOS Microcontrollers 8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,8PIN,PLASTIC
|
MICROCHIP[Microchip Technology]
|
TMP86C847 TMP86C847U TMP86CH47U E_020911_86C847_SU |
CMOS 8 BIT MICROCONTROLLER 的CMOS 8位微控制 8-Bit Microcontroller TLCS-870 Family From old datasheet system CMOS 8-Bit Microcontrollers
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
ST62E30BF1 ST6230BM1/XXX ST62P30BM3/XXX ST62P30BM6 |
MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|DIP|28PIN|CERAMIC MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|SOP|28PIN|PLASTIC IC, 60FBGA, 512MBIT DDR DRAM 60 PIN BGA 32MBX16 MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|DIP|28PIN|PLASTIC IC, MEM, SDRAM DDR166, 32 MEG X 16, 16 BIT, 6NS, 2.5V, FBGA60 单片机| 8位| ST6200的CPU |的CMOS |专科| 28脚|塑料
|
Black Box, Corp.
|
PIC16C54 PIC16C57 PIC16C54A_JW PIC16C54-RC_SO PIC1 |
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,28PIN,CERAMIC
|
MICROCHIP[Microchip Technology] Microchip Technology Inc
|
UPD75P0016 UPD75P0016CU UPD75P0016GB-3BS-MTX |
From old datasheet system MICROCONTROLLER,4-BIT,UPD75XL CPU,CMOS,SDIP,42PIN,PLASTIC MICROCONTROLLER,4-BIT,UPD75XL CPU,CMOS,QFP,44PIN,PLASTIC 4-BIT SINGLE-CHIP MICROCONTROLLER
|
NEC[NEC] NEC Electron Devices
|
JTMP04090XXXXSES TMP04090FXXXXES |
4-BIT, OTPROM, 2 MHz, MICROCONTROLLER, UUC100 CMOS 4-bit LL Microcontroller (OTP built-in) (LL: Low power consumption & voltage operation microcontroller)
|
TOSHIBA
|
SABC515C-LM SAFC515C-LM SABC515C-8EM SABC515C-8RM |
8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (10MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (10MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (10MHz)
|
Infineon
|
UPD703107AF1-XXX-EN4 UPD703107AGJA-XXX-UEN UPD7031 |
MICROCONTROLLER|32-BIT|V850 CPU|CMOS|QFP|144PIN|PLASTIC MICROCONTROLLER|32-BIT|V850 CPU|CMOS|BGA|161PIN|PLASTIC 单片机| 32位|位V850的CPU |的CMOS | BGA封装| 161PIN |塑料 32-BIT, MROM, 50 MHz, MICROCONTROLLER, PBGA161
|
Panduit, Corp.
|
UPD70F3107AF1-EN4 UPD70F3107AGA-UEN UPD70F3107AF1- |
MICROCONTROLLER|32-BIT|V850 CPU|CMOS|BGA|161PIN|PLASTIC MICROCONTROLLER|32-BIT|V850 CPU|CMOS|QFP|144PIN|PLASTIC 32-BIT, 50 MHz, MICROCONTROLLER, PBGA161 13 X 13 MM, PLASTIC, FBGA-161
|
NEC, Corp.
|
MB9038508 MB90387PMT MB90F387PMT MB90F387SPMT MB90 |
16-bit Proprietary Microcontrollers CMOS 16-bit Proprietary Microcontroller CMOS 16-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP48
|
Fujitsu Component Limited. Fujitsu, Ltd.
|
W78C32C W78C32C-24 W78C32C-40 W78C32CF-24 W78C32CF |
From old datasheet system 8-BIT MICROCONTROLLER 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 8-BIT MICROCONTROLLER 8-BIT, 40 MHz, MICROCONTROLLER, PQFP44 FUSE 2A00 250V 5.0X20 MM S CR 8-BIT, 40 MHz, MICROCONTROLLER, PQCC44 8-BIT MICROCONTROLLER 8-BIT, 24 MHz, MICROCONTROLLER, PDIP40
|
WINBOND[Winbond] Winbond Electronics Corp Winbond Electronics, Corp.
|
MSM66207 MSM66P207 |
OLMS-66K Series 16-Bit Microcontroller OKI ORIGINAL HIGH PERFORMANCE CMOS SINGLE CHIP 8/16-BIT MICROCONTROLLER
|
OKI electronic components OKI[OKI electronic componets]
|