PART |
Description |
Maker |
IP3R07 IP3R07A IP1R07 IP1R07A IP1R07AG-BSS2 IP1R07 |
Voltage Regulator - Low Drop Out ADJUSTABLE POSITIVE LDO REGULATOR, MSFM3 Voltage Regulator - Low Drop Out ADJUSTABLE POSITIVE LDO REGULATOR, MBFM2 3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR Adjustable Positive Voltage Regulator - Low Drop Out
|
TT electronics Semelab, Ltd. TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
LD1117XX18C LD1117VC LD1117V30 LD1117V30C |
Low drop adjustable positive voltage regulator 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 Low drop fixed positive voltage regulator, 3.0V
|
SGS Thomson Microelectronics Electronic Theatre Controls, Inc. Cypress Semiconductor Corp.
|
KIA378R05 KIA378R05PI KIA378R06PI KIA378R08PI KIA3 |
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR) 3A 4-Terminal Low Drop(ON/OFF Controllable) RES SM 100 OHM 1/16W 1% 0402 BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR) 双极线性集成电路(4码头3A输出低压差稳压器
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)] KEC Holdings
|
RE031 |
RE031 [Updated 3/03. 10 Pages] A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.5V output voltage. rated for loads of up A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.5V output voltage, rated for loads of up to 5 mA. A typical application is real-time clock, backup battery supply in mobile terminals.
|
Atmel
|
TLE4260-S TLE4270-S |
5 V Low-Drop Voltage Regulator 5 V Low-Drop Fixed Voltage Regulator
|
Infineon
|
TLE4274V10 TLE4274 TLE4274DV50 TLE4274V50 TLE4274V |
Low Drop Voltage Regulator Output voltage 5 V, 8.5 V or 10 V 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3
|
Infineon Technologies AG
|
NCV4276ADSADJR4G NCV4276DSADJR4G NCV4276DS33G NCV4 |
400 mA Low−Drop Voltage Regulator 2.5 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO5 400 mA Low−Drop Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 1.332 V DROPOUT, PSSO5 400 mA Low−Drop Voltage Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, 2.772 V DROPOUT, PSSO5
|
ON Semiconductor
|
TS1084 TS1084CM-3.3 TS1084CM-2.5 TS1084CM-5.0 TS10 |
5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5A Low Dropout Positive Voltage Regulator Analog IC: Low Drop Out Voltage Regulators
|
Taiwan Semiconductor Co., Ltd. TSC[Taiwan Semiconductor Company, Ltd]
|
TLE4473GV52 Q67007-A9668 TLE4473GV53 Q67007-A9683 |
Multiple Voltage Regulator for Automotive Applications Dual Low Drop Voltage Regulator
|
Infineon Technologies AG
|
RE025 |
RE025 [Updated 2/03. 10 Pages] The RE025 is a Low Drop Out (LDO) voltage regulator macrocell with programmable 2.8V or 2.9V output voltages. rated A Low Drop Out (LDO) voltage regulator macrocell with programmable 2.8V or 2.9V output voltages, rated for loads of up to 30 mA. A typical application is radio section supply in mobile terminals.
|
Atmel
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
KD1083XX33 KD1083XX30 KD1083XX25 KD1083XX18 KD1083 |
5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 7.5A LOW DROP POSITIVE VOLTAGE REGIULATOR ADJUSTABLE AND FIXED 7.5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED 7.5A LOW DROP POSITIVE VOLTAGE REGIULATOR ADJUSTABLE AND FIXED
|
SGS Thomson Microelectronics STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|