PART |
Description |
Maker |
LD2982BM47R LD2982AM47R LD2982BM50R LD2982BM25R LD |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATO WITH INHIBIT FUNCTION
|
ST Microelectronics
|
RE031 |
RE031 [Updated 3/03. 10 Pages] A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.5V output voltage. rated for loads of up A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.5V output voltage, rated for loads of up to 5 mA. A typical application is real-time clock, backup battery supply in mobile terminals.
|
Atmel
|
TLE447607 TLE4476D |
Dual Low Drop Voltage Regulator
|
Infineon Technologies AG
|
KIA78R06API KIA78R08API KIA78R05API KIA78R09API KI |
1A 4-Terminal Low Drop(ON/OFF Controllable) Quadruple 2-Input Positive-OR Gates 14-TSSOP -40 to 85 BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
|
Korea Electronics (KEC) KEC Holdings
|
KCF16A20 |
KCF16A20, DUAL DIODES - CATHODE COMMON Low Forward Voltage drop Diode
|
NIEC[Nihon Inter Electronics Corporation]
|
C10T60F |
SQUARE-PAK, Dual Diodes, Ultra Fast Recovery, Low Forward Voltage Drop
|
NIEC[Nihon Inter Electronics Corporation]
|
TLE4473GV52 Q67007-A9668 TLE4473GV53 Q67007-A9683 |
Multiple Voltage Regulator for Automotive Applications Dual Low Drop Voltage Regulator
|
Infineon Technologies AG
|
CJ78L08-SOT-23-3L CJ78L08 |
Three-terminal positive voltage regulato
|
Jiangsu Changjiang Electronics Technology Co., Ltd JIANGSU[Jiangsu Changjiang Electronics]
|
LD2979XX50 LD2979XX38 LD2979XX33 LD2979XX32 LD2979 |
VERY LOW DROP VOLTAGE REGULATOR WITH INHIBIT 很好低压差电压调节器抑制研究 From old datasheet system VERY LOW DROP VOLTAGE REGULATOR WITH INHIBIT
|
STMicroelectronics ST Microelectronics
|
KF25 KF40 KF35 KF33 KF12 KF50BD KF85BDTTR KF00 KF1 |
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT VERY LOW DROP VOLTAGE REGULATOR WITH INHIBIT From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
BYV29-500 BYV29 BYV29-300 BYV29-400 BYV29-500/B BY |
3 A low drop positive voltage regulator adjustable and fixed 1.5 A low drop positive voltage regulator adjustable and fixed 整流二极管超 Rectifier diodes ultrafast(超快速整流二极管) 9 A, 300 V, SILICON, RECTIFIER DIODE, TO-220AC
|
PHILIPS[Philips Semiconductors] International Rectifier, Corp. NXP Semiconductors N.V.
|
RE027 |
RE027 [Updated 2/03. 9 Pages] RE027 is a low drop out (LDO) voltage regulator macrocell with a fixed 2.8V output voltage. rated for loads up to 130 A Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.8V output voltage, rated for loads of up to 130 mA. A typical application is radio section supply in mobile terminals.
|
Atmel
|