PART |
Description |
Maker |
PC3SF11YVZ04 PC3SF11YTZBF PC3SF11YXP PC3SF11YWP PC |
VDRM : 600V, Reinforced insulation type Non-zero cross type DIP 6pin Phototriac Coupler for triggering 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, PLASTIC, DIP-6/5 Non-zero cross type DIP 6pin Phototriac Coupler for triggering
|
Sharp Electrionic Components Sharp Electronics, Corp. SHARP ELECTRONICS CORP Sharp Electrionic Compo...
|
S2S5AY0F S2S5A00F S2S5RAYF S2S5Y00F S2S5RY0F S2S50 |
Cost effective Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER PLASTIC, MINIFLAT, SOP-4
|
Sharp Electrionic Components Sharp Electronics, Corp.
|
PC4SD11NTZBF PC4SD11NTZCF PC4SD11YXPBF PC4SD11YXPC |
VDRM : 800V Non-zero cross type DIP 6pin Phototriac Coupler for triggering 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, PLASTIC, SMT, DIP-6/5
|
Sharp Microelectronics of the Americas Sharp Electrionic Components Sharp Electronics, Corp.
|
PC3SD12NTZ PC3SD12YTZAF PC3SD12NXZAF |
VDRM : 600V, Cost effective Non-zero cross type DIP 6pin Phototriac Coupler for triggering 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, PLASTIC, DIP-6/5 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, SMT, PLASTIC, DIP-6/5
|
Sharp Electrionic Components Sharp, Corp. Sharp Electronics, Corp.
|
PC3SH21YIPB PC3SH21YFZ |
1 CHANNEL TRIAC OUTPUT WITH ZERO CRSVR OPTOCOUPLER SMT, PLASTIC, DIP-4 VDRM : 600V, Reinforced insulation type Zero cross type DIP 4pin Phototriac Coupler for triggering
|
Sharp Electronics, Corp. Sharp Electrionic Components
|
Q7010LH5 Q7010RH5 Q7012LH5 Q7012RH5 Q7015L6 Q7015R |
Alternistor triac, 25A, 800 Volt Alternistor triac, 15A, 400 Volt Alternistor triac, 25A, 500 Volt Alternistor triac, 25A, 200 Volt Alternistor triac, 8A, 500 Volt Alternistor triac, 25A, 400 Volt Gender:Socket; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:25-35 Alternistor Triacs 交变双向 Alternistor triac, 6A, 500 Volt Alternistor triac, 15A, 200 Volt Alternistor triac, 15A, 500 Volt Alternistor triac, 15A, 600 Volt Alternistor Triacs
|
TECCOR[Teccor Electronics] Littelfuse, Inc. Motorola Mobility Holdings, Inc.
|
BTA41-400 BTA41-400B BTA41-700B BTA41A BTA41B BTB4 |
Standard triac, 40Ampere, 800V Standard triac, 40Ampere, 600V Standard triac, 40Ampere, 400V From old datasheet system STANDARD TRIACS POWERLINE: RP15-S_DEW - 4:1 Wide Input Voltage Range- 15 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- International Safety Standard Approvals- Standard 50.8 x40.6x10.2mm Package- Efficiency to 82% 400 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC Standard triac, 40Ampere, 700V
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
OM5428T OM5428 OM5428P |
General purpose triggering circuit
|
List of Unclassifed Manufacturers ETC[ETC]
|
CQ220I-12D CQ220I-12N CQ220I-12M CQ220I-12B |
ISOLATED TAB TRIAC 12 AMP 200 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC ISOLATED TAB TRIAC 12 AMP 800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC ISOLATED TAB TRIAC 12 AMP 600 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
N5391A |
I2C and SPI Triggering and Decode for Infiniium 8000 and 90000 Oscilloscopes
|
Agilent(Hewlett-Packard)
|
CQ220I-8 CQ220I-8D CQ220I-8M CQ220I-8N CQ220I-8B C |
Leaded Thyristor TRIAC ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|400V V(DRM)|8A I(T)RMS|TO-220AB 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|200V V(DRM)|8A I(T)RMS|TO-220AB 200 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|800V V(DRM)|8A I(T)RMS|TO-220AB 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 隔震统计表可控硅8.0放大00 7860 800伏特 TRIAC|600V V(DRM)|8A I(T)RMS|TO-220AB 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
|