PART |
Description |
Maker |
STW8NC90Z 7251 |
N-CHANNEL 900V 1.1OHM 7.6A TO-247 ZENER-PROTECTED POWERMESH III MOSFET N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH?┥II MOSFET N-CHANNEL 900V 1.1OHM 7.6A TO-247 ZENER-PROTECTED POWERMESH III MOSFET From old datasheet system N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH?III MOSFET
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STU9NC90ZI STU8NC90Z STU8NC90ZI 7291 |
7 A, 900 V, 1.38 ohm, N-CHANNEL, Si, POWER, MOSFET N-CHANNEL 900V - 1.1ohm - 7.6A Max220/I-Max220 Zener-Protected PowerMESH?III MOSFET N-CHANNEL 900V - 1.1ohm - 7.6A Max220/I-Max220 Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 900V - 1.1ohm - 7.6A Max220/I-Max220 Zener-Protected PowerMESHIII MOSFET OLD PRODUCT: NOT SUITABLE FOR NEW DESIGN-IN From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STH8NB90FI STH8NB90 H8NB90FI STW8NB90 |
N-CHANNEL 900V - 1.1 OHM - 8A - TO-247/ISOWATT218 POWERMESH MOSFET N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh MOSFET N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh⑩ MOSFET N-CHANNEL MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STB3NC90Z |
N-CHANNEL 900V 3.2 OHM 3.5A D2PAK ZENER-PROTECTED POWERMESH III MOSFET
|
SGS Thomson Microelectronics
|
STW12NK90Z |
N-CHANNEL 900V 0.72 OHM 11A TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 900V - 0.72 ohm - 11A TO-247 Zener-Protected SuperMESH Power MOSFET
|
ST Microelectronics STMicroelectronics 意法半导
|
FQP8N90C FQPF8N90C |
900V N-Channel Advance Q-FET C-Series 900V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQAF11N90C |
900V N-Channel Advance Q-FET C-series 900V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
STF9NK90Z STP9NK90Z STW9NK90Z ST_STP9NK90Z STF9NK9 |
N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 900V 1.1 OHM 8A TO-220 TO-220FP TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?Power MOSFET N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESHPower MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FQPF2N90 |
900V N-Channel MOSFET 1.4 A, 900 V, 7.2 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQA9N90 |
900V N-Channel MOSFET 8.6 A, 900 V, 1.3 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|