PART |
Description |
Maker |
STP5NC90Z STP5NC90ZFP STB5NC90Z STB5NC90Z-1 |
N-CHANNEL 900V - 2.1ohm - 4.6A TO-220/FP/D?PAK/I?PAK Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 900V - 2.1ohm - 4.6A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 900V - 2.1ohm - 4.6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STW8NC90Z 7251 |
N-CHANNEL 900V 1.1OHM 7.6A TO-247 ZENER-PROTECTED POWERMESH III MOSFET N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH?┥II MOSFET N-CHANNEL 900V 1.1OHM 7.6A TO-247 ZENER-PROTECTED POWERMESH III MOSFET From old datasheet system N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH?III MOSFET
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
FQA11N90C |
900V N-Channel MOSFET 11 A, 900 V, 1.4 ohm, N-CHANNEL, Si, POWER, MOSFET 900V N-Channel Advanced QFET C-Series
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STB6NB90 6439 |
N - CHANNEL 900V - 1.7 Ohm - 5.8A - D 2 PAK PowerMESH MOSFET From old datasheet system N - CHANNEL 900V - 1.7OHM - 5.8A - D2PAK PowerMESHO MOSFET N-CHANNEL Power MOSFET
|
SGS Thomson Microelectronics STMicroelectronics 意法半导 ST Microelectronics
|
IRFBF20L IRFBF20S IRFBF20STRL IRFBF20STRR |
Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A) 功率MOSFET(减振钢板基本\u003d 900V,的Rds(on)\u003d 8.0ohm,身份证\u003d 1.7A 900V Single N-Channel HEXFET Power MOSFET in a TO-262 package 900V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
STP9NK65ZFP STP9NK65Z |
N-CHANNEL 650V - 1ohm - 7A TO-220/TO-220FP Zener-Protected SuperMESH?Power MOSFET N-CHANNEL 650V - 1ohm - 7A TO-220/TO-220FP Zener-Protected SuperMESH⑩Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
IRFIBF30G IRFIBF30GPBF |
900V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=1.9A)
|
IRF[International Rectifier]
|
STB6NK60Z STB6NK60Z-1 STB6NK60ZT4 STP6NK60ZFP STP6 |
N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH?Power MOSFET N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESHPower MOSFET N-CHANNEL 600V 1 OHM 6A TO-220/TO-220FP/D2PAK/I2PAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH⑩Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
APT902RBN APT902R4BN |
TRANSISTOR | MOSFET | N-CHANNEL | 900V V(BR)DSS | 7A I(D) | TO-247AD 晶体管| MOSFET的| N沟道| 900V五(巴西)直| 7A条(丁)|采用TO - 247AD TRANSISTOR | MOSFET | N-CHANNEL | 900V V(BR)DSS | 6.5A I(D) | TO-247AD
|
Unisonic Technologies Co., Ltd.
|
STP9NK70ZFP STW9NK70Z STB9NK70Z-1 STB9NK70ZFP STB9 |
N-CHANNEL 700V 1 OHM 7.5A TO-220/TO-220FP/D2PAK/I2PAK/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 700V 1 OHM 7.5A TO-220/TO-220FP/D2PAK/I2PAK/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 700V - 1ohm - 7.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?Power MOSFET N-CHANNEL 700V - 1ohm - 7.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH⑩Power MOSFET N沟道高达700V - 1ohm - 7.5A的TO-220/FP/D2PAK/I2PAK/TO-247齐保护的SuperMESH⑩功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|