PART |
Description |
Maker |
5D-9T3CF2 5D-11 502GT-1 15TP551 15TP551N 15TP551T |
AT thermistor, 5KOhm ET thermistor, 83KOhm GT thermistor, 500KOhm D thermistor, 250Ohm Metal oxide varistor, 910V CT thermistor, 2.5KOhm ET thermistor, 59KOhm ET thermistor, 41KOhm ET thermistor, 40KOhm ET thermistor, 4KOhm IT thermistor, 20KOhm CT thermistor, 200KOhm ET thermistor, 232KOhm Gastube arrester, 400V GT thermistor, 1000KOhm GT thermistor, 100KOhm CT thermistor, 51KOhm CT thermistor, 20KOhm AT thermistor, 2KOhm D thermistor, 360Ohm CT thermistor, 100KOhm FT thermistor, 50KOhm Power thermistor Metal oxide varistor, 56V HT thermistor, 50KOhm HT thermistor, 30KOhm HT thermistor, 20KOhm GT thermistor, 1KOhm AT thermistor, 10KOhm BT thermistor, 100KOhm D thermistor, 100Ohm AT thermistor, 1KOhm D thermistor, 100KOhm Metal oxide varistor, 470V THERMOPILE TYPE INFRARED SENSOR FT thermistor / 10K Ohm 500W transient voltage suppressor, 15V ET thermistor, 10KOhm CT thermistor, 10KOhm FT thermistor, 10KOhm GT thermistor, 10KOhm HT thermistor, 10KOhm IT thermistor, 10KOhm JT thermistor HT thermistor, 100KOhm HT thermistor, 3KOhm HT thermistor, 5KOhm Metal oxide varistor, 820V Metal oxide varistor, 33V FT thermistor, 100KOhm CT thermistor, 11KOhm AT thermistor, 100KOhm AT thermistor, 20KOhm CT thermistor, 47KOhm ET thermistor, 100KOhm FT thermistor, 364KOhm Gastube arrester, 350V GT thermistor, 20KOhm ET thermistor, 226KOhm ET thermistor, 30KOhm ET thermistor, 50KOhm CT thermistor, 56KOhm IT thermistor, 100KOhm IT thermistor, 50KOhm IT thermistor, 30KOhm GT thermistor, 2KOhm 1500W transient voltage suppressor, 120V Metal oxide varistor, 120V Metal oxide varistor, 150V Metal oxide varistor, 18V Metal oxide varistor, 200V Metal oxide varistor, 22V Metal oxide varistor, 220V Metal oxide varistor, 240V Metal oxide varistor, 27V Metal oxide varistor, 330V Metal oxide varistor, 270V Metal oxide varistor, 360V Metal oxide varistor, 39V Metal oxide varistor, 390V Metal oxide varistor, 430V Metal oxide varistor, 47V Metal oxide varistor, 68V Metal oxide varistor, 82V
|
ETC[ETC] SEMITEC
|
32D142K 32D122K 32D112K 32D102K 32D162K 32D221K 32 |
Metal Oxide Varistors
|
Ruilongyuan Electronics Co.,Ltd Ruilongyuan Electronics Co....
|
MDE-40D102K MDE-40D751K MDE-40D621K MDE-40D391K MD |
Metal Oxide Varistors
|
MDE Semiconductor, Inc.
|
B60K210 B60K230 B60K250 B60K275 B60K460 B60K880 |
Metal Oxide Varistors
|
MDE Semiconductor, Inc.
|
14D101K 14D102K 14D112K 14D121K |
METAL OXIDE VARISTORS
|
SUNMATE electronic Co.,...
|
05D681K 05D621K 05D680K 05D751K 05D101K 05D121K 05 |
Metal Oxide Varistors
|
Ruilongyuan Electronics Co.,Ltd Ruilongyuan Electronics...
|
MDE-53D241K MDE-53D102K MDE-53D112K MDE-53D122K MD |
Metal Oxide Varistors
|
MDE Semiconductor, Inc.
|
V180ZA05 V180ZA1 V180ZA10 V180ZA20 V180ZA5 V82ZA12 |
Radial lead metal-oxide varistors, 115V From old datasheet system DB9 FEMALE TO RJ45 10 WIRMODULAR ADAPTER (GRAY) Computers; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No DB9 MALE TO RJ45 8 WIRE MODULAR ADAPTER (RED) CRIMP SHELLS, DB9 MALE Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:22-32 CAP .0033UF 100V METAL POLY Shielded Multiconductor Cable; Number of Conductors:37; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes DIODE ZENER SINGLE 500mW 4.7Vz 20mA-Izt 0.05 5uA-Ir 2 SOD-123 3K/REEL Brilliance Bundled Coaxial Cable; Impedance:75ohm; Conductor Size AWG:30; No. Strands x Strand Size:7 x 38; Jacket Material:Polyvinylchloride (PVC Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:21; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:22-21 Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation 径向引线金属氧化物压敏电阻的低中压运 Radial lead metal-oxide varistors, 110V Radial lead metal-oxide varistors, 130V Radial lead metal-oxide varistors, 92V Radial lead metal-oxide varistors, 75V Radial lead metal-oxide varistors, 140V
|
http:// HARRIS[Harris Corporation] Harris, Corp. Harris Semiconductor
|
ETFV14K420E2 |
SIOV metal oxide varistors
|
EPCOS
|
TNR10SE221K TNR14SE241K TNR20SE221K TNR14SE271K TN |
METAL OXIDE VARISTORS TNR
|
Nippon Chemi-Con
|
B72214P2131K101 B72214P2151K101 B72214P2251K101 B7 |
SIOV metal oxide varistors
|
EPCOS
|
|