PART |
Description |
Maker |
M5M5256DP-45LL M5M5256DP-45XL M5M5256DP-55LL M5M52 |
262144-BIT CMOS STATIC RAM Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-PDIP -40 to 85 262144位(32768 - Word位)的CMOS静态RAM 262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM 262144位(32768 - Word位)的CMOS静态RAM
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M5M5V208FP-10LL-W M5M5V208FP-10L-W M5M5V208FP-12LL |
From old datasheet system Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes 2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM 2097152位(262144 - Word8位)的CMOS静态RAM 2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM 2097152位(262144 - Word位)的CMOS静RAM 2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM 2097152位(262144 - Word位)的CMOS静态RAM
|
http:// MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M5M5256DFP-70G M5M5256DFP-70GI M5M5256DVP-70G M5M5 |
32K X 8 STANDARD SRAM, 70 ns, PDSO28 262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM Memory>Low Power SRAM
|
Renesas Electronics Corporation
|
HN27C4000G-15 HN27C4000G-10 HN27C4000G-12 HN27C400 |
524288-Word 8-Bit/262144-Word X 16-Bit CMOS UV Erasable and Programmable ROM 524288-Word ?8-Bit/262144-Word X 16-Bit CMOS UV Erasable and Programmable ROM From old datasheet system
|
HITACHI[Hitachi Semiconductor]
|
HN27256G-25 |
32768-word x 8-Bit UV Erasable and Programmable ROM
|
Hitachi Semiconductor
|
CXK77V3211Q-12 CXK77V3211Q-14 |
32768-word by 32-bit High Speed Synchronous Static
|
SONY
|
M5M5V416BUG-70HI |
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M5M5V208VP-10LL-W M5M5V208RV-12L-W M5M5V208RV-12LL |
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
|
Mitsubishi Electric Corporation
|
M5M5V416CWG-70HI |
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
|
Mitsubishi Electric Corporation http://
|
M5M5V416BRT-85H M5M5V416BRT-85HI M5M5V416BRT-85HW |
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
|
Mitsubishi Electric Corporation
|
M5M44258-10 M5M44258-7 M5M44258-8 M5M44258BP M5M44 |
STATIC COLUMN MODE 1048576-BIT (262144-WORD BY 4-BIT) DYNAMIC RAM
|
Mitsubishi Electric Semiconductor
|