PART |
Description |
Maker |
EL5111EL5211EL5411 |
Single 60MHz Rail-to-Rail Input-Output Op Amp
|
intersil
|
EL5211TIYEZ-T7 EL5211TIYEZ-T13 EL5211TILZ-T13 |
OP-AMP, 18000 uV OFFSET-MAX, 32 MHz BAND WIDTH, PDSO8 ROHS COMPLIANT, PLASTIC, HMSOP-8 60MHz Rail-to-Rail Input-Output Operational Amplifier
|
Intersil, Corp. Intersil Corporation
|
LT1807 LT6220CS5 LT6220IS5 LT6221CDD LT6221IDD LT6 |
Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amp Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amps; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C 1 CHANNEL, VIDEO AMPLIFIER, PDSO5 Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amp; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 1 CHANNEL, VIDEO AMPLIFIER, PDSO16 Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amps; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C
|
Linear Technology Corporation LINER[Linear Technology] Avago Technologies, Ltd. Linear Technology, Corp.
|
AD8638ARJZ-R2 AD8639ACPZ-R2 AD8639ARMZ AD8639ARZ-R |
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 23 uV OFFSET-MAX, 1.35 MHz BAND WIDTH, PDSO5 16V Auto-Zero, Rail-to-Rail Output tional Amplifiers 16V Auto-Zero, Rail-to-Rail Output tional Amplifiers 16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD860103 AD8602DRM-REEL AD8601ART-REEL7 AD8601DRT- |
DigiTrim™ Dual Rail-to-Rail Input and Output Amplifier with Very Low Offset Voltage and Wide Bandwidths Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
|
Analog Devices
|
LMV321 |
General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
|
Exar Corporation
|
LT1494 LT1494CN8 LT1494IMS8 LT1494CMS8 LT1494CS8 L |
1.5盗 Max, Precision Rail-to-Rail Input and Output Op Amp 1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
|
LINER[Linear Technology]
|
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
LT6014IS8 LT6013 LT6013ACDD LT6013ACS8 LT6013AIDD |
(LT6013 / LT6014) Rail-to-Rail Output Precision Op Amps U36D Series Large Can Aluminum Electrolytic Capacitor, Screw terminals, General Purpose Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps OP-AMP, 135 uV OFFSET-MAX, 1.6 MHz BAND WIDTH, PDSO8 Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:45VDC; Capacitance:3900uF; Capacitance Tolerance: 20%; Leaded Process Compatible:No; Package/Case:76X105; Peak Reflow Compatible (260 C):No RoHS Compliant: No Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps Single/Dual 145UA, 9.5nV/ SIGMAHz, AV 5, Rail-to-Rail Output Precision Op Amps Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
|
Linear Technology, Corp. 运算放大 Linear Technology Corporation LINER[Linear Technology]
|
LT1638 LT1638CMS8 LT1638CN8 LT1638CS8 LT1638IN8 LT |
1.2MHz, 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps DUAL OP-AMP, 1250 uV OFFSET-MAX, 1.2 MHz BAND WIDTH, PDSO8 1.2MHz/ 0.4V/us Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
|