PART |
Description |
Maker |
TA79015P TA79018P TA79012P TA79020P TA79024P TA79L |
3-TERMINAL NEGATIVE VOLTAGE REGULATORS 3-TERMINL NEGATIVE VOLTAGE REGULATORS From old datasheet system
|
Toshiba
|
AN79M52F AN79M00 AN79M00F AN79M05 AN79M05F AN79M06 |
3-pin Negative Output Voltage Regulators 500mA Type 7 V FIXED NEGATIVE REGULATOR, PSFM3 3-pin Negative Output Voltage Regulators 500mA Type 8 V FIXED NEGATIVE REGULATOR, PSFM3 MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-55V; Continuous Drain Current, Id:60A; On-Resistance, Rds(on):0.0175ohm; Rds(on) Test Voltage, Vgs:-10V; Package/Case:5-D2-PAK; Leaded Process Compatible:No RoHS Compliant: No
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
SG7900 SG7905AL_DESC SG7915AL_DESC SG79XXAIG_883B |
negative fixed voltage regulators Negative Fixed Linear Voltage Regulators; Package: TO-3; VDIFF (V): 35; IOUT (A): 1.5;
|
Microsemi Corporation
|
MC7908CD2TR4 |
1.0 A Negative Voltage Regulators 8 V FIXED NEGATIVE REGULATOR, PSSO2
|
Rectron Semiconductor
|
IP1R1905-K IP1R1905-V IP1R19-15 IP3R19-15 IP3R19V- |
Voltage Regulator 12 V FIXED NEGATIVE REGULATOR, MBFM2 JT 79C 79#22D SKT PLUG 5 V FIXED NEGATIVE REGULATOR, MBFM2 SCREW LOCKS FEMALE 5安培固定负电压调节器 5 AMP FIXED NEGATIVE VOLTAGE REGULATORS 5安培固定负电压调节器 5 AMP FIXED NEGATIVE VOLTAGE REGULATORS 5 V FIXED NEGATIVE REGULATOR, MBFM2 Circular Connector; No. of Contacts:79; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:20-35 RoHS Compliant: No CISCO CONSOLE KIT Thick Film Resistor; Series:CRCW; Resistance:649ohm; Resistance Tolerance: /- 1 %; Power Rating:0.125W; Voltage Rating:150V; Temperature Coefficient: /-100 ppm; Package/Case:0805; Leaded Process Compatible:No
|
SEMELAB LTD TT electronics Semelab, Ltd. TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
LM7909 LM7900 |
3-Terminal Negative Output Voltage Regulators NegativeFixedVoltageRegulator
3- TERMINAL NEGATIVE OUTPUT VOLTAGE REGULATORS
|
First Components International List of Unclassifed Manufacturers ETC[ETC]
|
79L06 |
Negative-Voltage Regulators
|
Wing Shing Computer Com... WINGS[Wing Shing Computer Components]
|
L7900ACSERIES |
2% NEGATIVE VOLTAGE REGULATORS
|
STMicro
|
MC79LXXA MC79L12A |
Negative Voltage Regulators
|
ON Semiconductor
|
XC62KN2102MB XC62KN2102MH XC62KN2102ML XC62KN2102M |
Negative Voltage Regulators
|
Torex Semiconductor
|
L79L15ACZ L79L08ACZ L79L08ACD L79L08ACU L79L09ABD |
NEGATIVE VOLTAGE REGULATORS
|
ST Microelectronics
|