PART |
Description |
Maker |
AM29F200BB-45EC AM29F200BB-120FC AM29F200BB-70FC A |
60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ44VZL with Lead-Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU1010Z with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to the IRL2910 in lead free packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3705N with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF3205L with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR2307Z with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU7807ZCPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF530NS with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU1205 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF530NS with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB61N15D with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF2805S with Lead-Free packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFSL33N15D with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU3717 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7463 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU2705 with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7457 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a 7-Lead TO-262 package; Similar to IRF1405ZL-7P with Lead Free packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF540NL with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR7811WCPBF with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS23N20D with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7834 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR4105Z with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU3714 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2Pak package; Similar to IRF8010S with Lead-Free packaging. 100V Single N-Channel Automotive HEXFET Power MOSFET in a D-Pak package; Similar to IRFR3710Z with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3205PBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3710Z with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRFSL17N20D with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRFSL23N15D with Lead Free Packaging x8/x16 Flash EEPROM x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
IRFU9220 IRFR9220 IRFR9220TRR IRFR9220PBF IRFR9220 |
-200V Single P-Channel HEXFET Power MOSFET in a I-Pak package -200V Single P-Channel HEXFET Power MOSFET in a D-Pak package HEXFET? Power MOSFET Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.6A) 3.6 A, 200 V, 1.5 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
IRF[International Rectifier] VISHAY INTERTECHNOLOGY INC
|
E142-SERIES M342-SERIES T242-SERIES X242-SERIES E2 |
Transient Voltage Suppressor Diodes 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3910 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7862PBF with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2203NS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB260N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9410 with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR4343 with Standard Packaging Peripheral IC 外围芯片
|
Bourns, Inc. Hoffman TOKO, Inc.
|
IRFF9210 IRFF9210-15 |
Simple Drive Requirements HEXFET?TRANSISTORS HEXFET TRANSISTORS THRU-HOLE (TO-205AF) -200V Single P-Channel Hi-Rel MOSFET in a TO-205AF package
|
International Rectifier
|
IRF630STRL IRF630STRR IRF630SPBF |
200V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRFB38N20DPBF |
200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|
IRF5801 IRF5801TR |
200V Single N-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package
|
International Rectifier
|
IRF9240 IRF9240-15 |
Simple Drive Requirements TRANSISTORS P-CHANNEL(Vdss=-200V, Rds(on)=0.5ohm, Id=-11A) HEXFET?TRANSISTORS 200V, P-CHANNEL 11 A, 200 V, 0.58 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-204AA
|
IRF[International Rectifier]
|
IRLI630G |
200V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier
|
IRFBA90N20D |
200V Single N-Channel HEXFET Power MOSFET in a Super 220 (TO-273AA) package
|
International Rectifier
|