PART |
Description |
Maker |
IDT79RV5000180BS272I IDT79RV5000180G IDT79RV500018 |
MULTI-ISSUE 64-BIT MICROPROCESSOR
|
IDT
|
CS5543-KL CS5542 CS5542-KL CS5543 5542 CS5542/43 |
22-Bit, Multi-Channel Delta Sigma A/D Converter Chipset 22-Bit, Multi-Channel DS ADC Chip Set From old datasheet system
|
Cirrus Logic
|
MAX197 MAX197ACAI MAX197ACNI MAX197ACWI MAX197AEAI |
Multi-Range (±10V, ±5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (10V, 5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (【10V, 【5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (±10V, ±5V, 10V, 5V),
Single 5V, 12-Bit DAS with 8 4 Bus Interface DATA ACQ SYSTEM,8-CHANNEL,12-BIT,SSOP,28PIN,PLASTIC From old datasheet system Multi-Range (10V / 5V / 10V / 5V) / Single 5V / 12-Bit DAS with 8 4 Bus Interface Multi-Range (0V, V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (0V, 5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
CS5361 CS5361-BZ |
114dB, 192kHz, multi-bit audio A/D converter 111 dB, 192 kHz, Multi-Bit Audio A/D Converter
|
Cirrus Logic
|
LLGA12 |
CASE 513AD−01 ISSUE A
|
ON Semiconductor
|
CS4398 CS4398-CZZ CS4398-CZZR CIRRUSLOGICINC-CS439 |
120 dB / 192 kHz Multi-Bit DAC with Volume Control 120 dB, 192 kHz Multi-Bit DAC with Volume Control SERIAL INPUT LOADING, 24-BIT DAC, PDSO28 DSD supported with 120 dB, 24 bit, 192-kHz stereo D/A converter
|
Cirrus Logic, Inc.
|
CS5525-BP CS5525-BS CS5525-AP CS5525-AS |
16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH 16 20位ADC的范围多位锁存器 16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
|
Cirrus Logic, Inc. CRYSTAL SEMICONDUCTOR CORP
|
MAX199BMYI MAX199BEWI MAX199BENI MAX199BEAI MAX199 |
Multi-Range (V, V, 4V, 2V), 5V Supply, 12-Bit DAS with 8 4 Bus Interface Multi-Range (【4V, 【2V, 4V, 2V), 5V Supply, 12-Bit DAS with 8 4 Bus Interface From old datasheet system Multi-Range (4V 2V 4V 2V) 5V Supply 12-Bit DAS with 8 4 Bus Interface Multi-Range (±4V, ±2V, 4V, 2V), 5V Supply, 12-Bit DAS with 8 4 Bus Interface Multi-Range (4V, 2V, 4V, 2V), 5V Supply, 12-Bit DAS with 8 4 Bus Interface
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CS5340-CZZ CS5340-DZZ |
101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER 2-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO16
|
Cirrus Logic, Inc.
|
AM42DL640AG85IS AM42DL640AG AM42DL640AG25IT AM42DL |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
|
SPANSION Advanced Micro Devices
|
|