PART |
Description |
Maker |
AT88CK101STK3 AT88CK109STK3 AT88CK101STK8 AT88CK45 |
Atmel CryptoAuthentication Evaluation Kit
|
ATMEL Corporation
|
AVR1511 |
Knowledge level: Intermediate Atmel QT600 (entire kit)
|
ATMEL Corporation
|
25C320-E/ST 25C320T-/ST 25LC320T-/ST 25C320-/P 25C |
CMOS, 10-Bit A/D Converter with Track and Hold Evaluation Kit for the MAX1858, MAX1875, MAX1876 Dual, High-Efficiency, Step-Down Converter with Backup Battery Switchover Evaluation Kit for the MAX1774 SPI Serial EEPROM Evaluation Kit for the MAX1846, MAX1847 3µs, 12-Bit ADC Evaluation Kit for the MAX1776 SPI串行EEPROM
|
Microchip Technology, Inc.
|
AT88SC1616C-MPTG AT88SC1616C-WI AT88SC1616C-MJTG A |
Atmel CryptoMemory, 16Kbit
|
ATMEL Corporation
|
REB233SMAD |
8-bit Atmel Microcontrollers
|
ATMEL Corporation
|
PECLDL-10-1 PECLDL-10-4 PECLDL-10-7 PECLDL-10-9 PE |
LTC3824 Evaluation Kit LT3844EFE Evaluation Kit LT3476EUHF Evaluation Kit LTC3835EGN-1 Evaluation Kit 延迟线|可编程| 1线| 1 -技术咨询|混合|双酯| 32脚|塑料 DELAY LINE|PROGRAMMABLE|1-LINE|1-TAP|HYBRID|DIP|32PIN|PLASTIC 延迟线|可编程| 1线| 1 -技术咨询|混合|双酯| 32脚|塑料
|
Advanced Power Electronics, Corp.
|
ATXMEGA256A3BU-AUR |
8/16-bit Atmel XMEGA A3BUMicrocontroller
|
ATMEL Corporation
|
ATXMEGA384C3 ATXMEGA384C3-AU ATXMEGA384C3-AUR ATXM |
8/16-bit Atmel XMEGA C3 Microcontroller
|
ATMEL Corporation
|
AT88SA102S-TSU-T AT88SA102S-SH-T AT88SA102S-TH-T A |
Atmel CryptoAuthentication Product Authentication Chip
|
http:// ATMEL Corporation
|
5962-8751305XX 5962-8751304VX 5962-8751307VA 5962- |
Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies Evaluation Kit for the MAX8538 Evaluation Kit for the MAX8545, MAX8546, MAX8548 x4 SRAM x4的SRAM Evaluation Kit for the MAX8533 x1的SRAM Low-Noise, Regulated, Negative Charge Pump Power Supplies for GaAsFET Bias x1的SRAM High-Speed, Wide-Input, Single-Phase MOSFET Driver x4的SRAM Evaluation Kit for the MAX8530, MAX8531 x1的SRAM
|
Bel Fuse, Inc. Diotec Semiconductor AG Honeywell International, Inc.
|
ATUC256L3U-14 |
High-performance, Low-power 32-bit Atmel
|
ATMEL Corporation
|