PART |
Description |
Maker |
HCMS-2902 HCMS-2903 HCMS-2904 HCMS-2911 HCMS-2912 |
HCMS-2962 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2961 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2964 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2963 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2925 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2924 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2923 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2922 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2921 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2915 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2914 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2913 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2912 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2911 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2905 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2904 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2903 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2902 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2901 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2975-HI000 · High Performance CMOS 5 x 7 Alphanumeric Displays Bipolar Transistor; Collector Emitter Voltage, Vceo:350V; Transistor Polarity:NPN; Power Dissipation:1W; DC Current Gain Min (hfe):40; Collector Current:1A; Package/Case:3-TO-39; DC Current Gain Max (hfe):60; Terminal Type:5 T-PNP-SI-HV AF PWR AMP High Performance CMOS 5 x 7 Alphanumeric Displays 高性能CMOS 5 × 7字母数字显示
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Vishay Intertechnology, Inc.
|
AK5394A AK5394AVS AKD5394A |
24-bit 192K 123dB, Highest Performance ADC Super High Performance 192kHz 24-Bit ADC
|
AKM[Asahi Kasei Microsystems]
|
AM188ER-33KCW AM188ER-50VIW AM188ER-25VIW AM188ER- |
CA-BAYONET 16-BIT, 33 MHz, MICROCONTROLLER, PQFP100 High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM 16-BIT, 50 MHz, MICROCONTROLLER, PQFP100 High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM 16-BIT, 25 MHz, MICROCONTROLLER, PQFP100 High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM 16-BIT, 33 MHz, MICROCONTROLLER, PQFP100 CAB 54C 54#16 SKT RECP 16-BIT, 50 MHz, MICROCONTROLLER, PQFP100 High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM 16-BIT, 40 MHz, MICROCONTROLLER, PQFP100 CA-BAYONET 16-BIT, 40 MHz, MICROCONTROLLER, PQFP100 12258941 ARMY TANK COMMAND 16-BIT, 40 MHz, MICROCONTROLLER, PQFP100
|
Advanced Micro Devices, Inc.
|
IDT79RC64T575-200DP IDT79RC64575 |
High performance 64-Bit Microprocessor High performance 64-bit Microprocessor **NOT RECOMMENDED FOR NEW DESIGNS**
|
IDT
|
NM27C240 NM27C240QE120 |
4 Meg (256K x 16) High Performance CMOS EPROM [Life-time buy] 4,194,304-Bit (256k x 16) High Performance CMOS EPROM 4 /194 /304-Bit (256k x 16) High Performance CMOS EPROM 4,194,304位(256k × 16)高性能的CMOS存储
|
FAIRCHILD[Fairchild Semiconductor]
|
AM29PL320DB60R AM29PL320DT90 AM29PL320DB70 AM29PL3 |
32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory 1M X 32 FLASH 3V PROM, 60 ns, PBGA84 32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory 32兆位米16 1个M × 32位)的CMOS 3.0伏,不仅具备高性能页面模式闪存
|
Spansion, Inc. Spansion Inc. Advanced Micro Devices
|
ATF1516AS-10UC192 ATF1516AS-15UC192 ATF1516ASL-20U |
High performance EE-based CPDL, 70 MHz High performance EE-based CPDL, 100 MHz High Performance EE-Based CPLD EE PLD, 20 ns, PPGA192 High Performance EE-Based CPLD EE PLD, 20 ns, PQFP160 ER 4C 4#8 SKT RECP LINE 320 x 240 pixel format, LED or CFL Backlight OSC 5V SMT 7X5 CMOS PROGRM KVM INTERCONNECT MODULE CABLE
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
TMP47C416 TMP47C216 |
High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成4096 x 8位ROM56 x 4位RAM、大电流输出端口4位A/D转换输入 High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成048 x 8位ROM28 x 4位RAM、大电流输出端口4位A/D转换输入
|
Toshiba Corporation
|
AM486DX4 |
High-Performance, Clock-Selectable, 3.3 V, 32-Bit Microprocessor(3.3V高性能时钟可32位微处理 High-Performance, Clock-Selectable, 3.3 V, 32-Bit Microprocessor(3.3V楂???芥??????2浣?井澶????
|
Advanced Micro Devices, Inc.
|
PIC17C7XX_00 PIC17C752 PIC17C756A PIC17C762 PIC17C |
High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
|
MICROCHIP[Microchip Technology]
|