PART |
Description |
Maker |
74LVT16244 74LVT16244MTDX 74LVTH16244MEA 74LVTH162 |
4K, 512 X 8, 2.5V SER EE, -40C to 85C, 8-MSOP, TUBE Low Voltage16-Bit Buffer/Line Driver Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs
|
Fairchild Semiconductor
|
74LVT162240 74LVT162240MEA 74LVT162240MTD 74LVTH16 |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 12-Bit Asynchronous Binary Counters 16-TSSOP -40 to 85 Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25Series Resistors in the Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25 Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74VCXH162240 74VCXH162240MTD 74VCXH162240MTX |
Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26 Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26ヘ Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26Ω Series Resistors in Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74LCXZ16244 74LCXZ16244MEA 74LCXZ16244GX 74LCXZ162 |
Quad 4-Bit Buffer/Driver 4位缓冲器/驱动 Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
|
PRECI-DIP SA Fairchild Semiconductor
|
74LCXH16244_05 74LCXH16244 74LCXH16244G 74LCXH1624 |
Low Voltage 16-Bit Buffer/Line Driver with Bushold
|
FAIRCHILD[Fairchild Semiconductor]
|
74LVTH16240 74LVT16240 |
Low Voltage 16-Bit Inverting Buffer/Line Driver
|
Fairchild
|
74LVTH162240 74LVT162240 74LVT162240MEAX 74LVT1622 |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs Quad 4-Bit Buffer/Driver 1K, 128 x 8, 2.5V SER EE, -40C to 85C, 8-MSOP, T/R 位缓冲器/驱动 1K, 128 X 8, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R
|
Fairchild Semiconductor Ohmite Mfg. Co.
|
74LCX16244 |
Low Voltage 16-Bit Buffer/Line Driver From old datasheet system
|
Fairchild
|
74VCXH16244 |
Low Voltage 16-Bit Buffer/Line Driver with Bushold From old datasheet system
|
Fairchild
|
74LVTH32244 74LVT32244 74LVTH32244GX 74LVT32244GX |
Low Voltage 32-Bit Buffer/Line Driver with 3-STATE Outputs (Preliminary)
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCX16240 |
Low Voltage 16-Bit Inverting Buffer/Line Driver with From old datasheet system
|
Fairchild
|
74LCX16240 74LCX16240MEA 74LCX16240MTD |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs
|
Fairchild Semiconductor
|