PART |
Description |
Maker |
BFX84 BFX69 BFX96 BFX95 BFX97 BFX30 BFX39 BFX35 |
(BFXxx) Medium Power Amplifiers
|
Micro Electronics
|
BCW74 BCW75 BCW36 BCW73 BCW76 BCW34 BCW90 BCW77 BC |
(BCWxx) Medium Power Amplifiers and Switches
|
ETC
|
2N3020 2N3019 |
NPN SILICON AF MEDIUM POWER AMPLIFIERS AND SWITCHES NPN SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
|
MICRO-ELECTRONICS[Micro Electronics]
|
BC304 BC303 |
PNP SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
|
MICRO-ELECTRONICS[Micro Electronics]
|
2SC1008 2SC1175 2SC2120 2SC1851 2SC1209 2SC1788 2S |
Medium Power Amplifiers and Switches TO-92 Plastic-Encapsulate Transistors
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers Toshiba Semiconductor ETC[ETC] Unknow
|
RFS1006 PRFS-1006-0007 PRFS-1006-0008 PRFS-1006-00 |
3.4-3.6 GHz Power Amplifier 3400 MHz - 3600 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER 3.4-3.6 GHz Power Amplifier 3号至三月六日GHz功率放大 Single-band power amplifiers The RFS1006 power amplifier is a high-power, high-performance GaAs MESFET IC designed for use in a transmit applications in the 3.4-3.6 ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc]
|
2N2645 |
(2N2xxx) NPN General Purpose Medium Speed Amplifiers
|
Semicoa
|
2SD1055 2SD1766 D1758 2SD1758 2SD1919 2SD1862 A580 |
Medium Power Transistor (32V, 2A) 2000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR Medium Power Transistor 32V/ 2A Medium Power Transistor 32V, 2A Medium Power Transistor 32V 2A From old datasheet system
|
ROHM[Rohm] Rohm CO.,LTD.
|
BAT15-013 BAT15-013S BAT15-033 BAT15-034 BAT15-043 |
From old datasheet system Silicon Schottky Diodes (Low barrier diodes For mixer applications Hermetically sealed ceramic packages For frequencies up to 40 GHz) 330MHz Buffered Video Switches Crosspoint Building Blocks Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps 500MHz, Low-Power Op Amps BBG LO PWR MULT MOD H FRE; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 400MHz, Ultra-Low-Distortion Op Amps 250MHz, Broadcast-Quality, Low-Power Video Op Amps HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications) SILICON, MEDIUM BARRIER SCHOTTKY, MIXER DIODE HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications) 伊雷尔硅肖特基二极管(伊雷尔分立半导体和微波探测器和培养基的应用垒二极管混频器) 350MHz, Ultra-Low-Noise Op Amps SILICON, MEDIUM BARRIER SCHOTTKY, MIXER DIODE Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers SILICON, MEDIUM BARRIER SCHOTTKY, MIXER DIODE
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG SIEMENS A G
|
BCX52-10 BCX52-16 BCP52-16 BCP52-10 BC52PA |
60 V, 1 A PNP medium power transistors PNP medium power transistor series in Surface-Mounted Device (SMD) plastic packages.
|
NXP Semiconductors
|
2SA1900 A5800745 |
Transistors > Medium Power Bipolar Transistors(0.5W-1.0W) From old datasheet system Medium Power Transistor (-50V, -1A)
|
ROHM
|
MAX9755 MAX9752 MAX9751 MAX9753 MAX9750 |
2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
|
Maxim
|