PART |
Description |
Maker |
MPS6507 MPS6564 MPS6566 MPS6511 MPS5306 MPS5308 |
Leaded Small Signal Transistor General Purpose Leaded Small Signal Transistor Darlington
|
Central Semiconductor
|
2N6430 2N6433 |
COMPLEMENTART SILICON TRANSISTOR 100 mA, 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
2N947 2N709A 2N930B 2N720A 2N726 2N718A 2N760A 2N8 |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Seme LAB Microsemi Corporation CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
2N4236 2N4234 2N4031 2N4032 2N4033 2N4036 2N4037 2 |
SMALL SIGNAL TRANSISTORS Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... Central Semiconductor Corp. Seme LAB CENTRAL[Central Semiconductor Corp]
|
2SC1740SLNTP/S 2SA933ASLNTP/RS 2SA933ALNT93/RS 2SC |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 5000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Lattice Semiconductor, Corp. MERITEK Electronics, Corp.
|
2N3701 |
Leaded Small Signal Transistor General Purpose
|
Central Semiconductor
|
2N3923 2N3742 2N3724A 2N3722 2N3720 2N3830 2N3831 |
Leaded Small Signal Transistor General Purpose
|
Central Semiconductor
|
2N2604 |
Leaded Small Signal Transistor General Purpose
|
Central Semiconductor
|
2N5262 |
Leaded Small Signal Transistor General Purpose
|
Central Semiconductor
|
2N5057 |
Leaded Small Signal Transistor General Purpose
|
Central Semiconductor
|
2N3504 2N3117 2N3548 2N3121 2N3209 2N3210 2N3242A |
Leaded Small Signal Transistor General Purpose
|
Central Semiconductor
|
|