PART |
Description |
Maker |
CCLH150 CCLH120 CCLH080 CCLH100 |
From old datasheet system HIGH CURRENT CURRENT LIMITING DIODE Leaded Current Limiting Diode Leaded
|
CENTRAL[Central Semiconductor Corp]
|
1N5287 1N5296 1N5310 1N5313 1N5311 1N5295 1N5309 1 |
Leaded Current Limiting Diode JEDEC
|
Central Semiconductor
|
CCLHM080 CCLHM100 CCLHM150 CCLHM120 |
SURFACE MOUNT HIGH CURRENT CURRENT LIMITING DIODE
|
CENTRAL[Central Semiconductor Corp]
|
ISL6121HEV ISL6121LIB ISL6121 ISL6121LIB-T ISL6121 |
Current Limiting Controller, 2A, 2.5V to 5.5V Operating Range, 0.05W Integrated Power N-channel MOSFET Switch Single Supply Integrated Current Limiting Controller
|
INTERSIL[Intersil Corporation]
|
LT1511 LT1511CSW LT1511ISW 1511FB |
Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting Constant-Current/Constant-Voltage 3ABattery Charger with Input Current Limiting From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
CCL1500 CCL5750LEADFREE |
CURRENT LIMITING DIODE 1.5 mA, SILICON, CURRENT REGULATOR DIODE, DO-35 5.75 mA, SILICON, CURRENT REGULATOR DIODE, DO-35
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
CD1005-B0230 CD0603-B0240 |
Small Signal Diode; Repetitive Reverse Voltage Max, Vrrm:35V; Forward Current Avg Rectified, IF(AV):200mA; Forward Voltage Max, VF:0.5V; Package/Case:Case 1005; Vf Test Current:0.2A; Leaded Process Compatible:Yes RoHS Compliant: Yes CD0603/1005 Schottky Barrier Chip Diode Series
|
BOURNS INC Bourns Electronic Solutions Bourns Electronic Solut...
|
X76F640 X76F640A X76F640A-2.7 X76F640AE X76F640AE- |
Secure SerialFlash :SEMIPACK-1; Thread size:M5; Centres, fixing:80mm; Current, Itsm:700A; Depth, DIODE, STANDARD, 80A, 1200V; Voltage, Vrrm:1200V; Current, If av:80A; Case style:SEMIPACK 1; Centres, fixing:80mm; Current, Ifs max:2000A; Current ; Repetitive Reverse Voltage Max, Vrrm:800V; Forward Current Avg Rectified, IF(AV):82A; Forward Voltage Max, VF:1.55V; Package/Case:SEMIPACK 1 Thyristor Diode Module; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No Xfmr Module
|
http:// XICOR[Xicor Inc.]
|
MAX1644 MAX1645EEI |
Advanced Chemistry-Independent / Level 2 Battery Charger with Input Current Limiting Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting 2A、低电压、降压型稳压器,内置同步整流与开
|
Maxim Integrated Products, Inc.
|
BD139-25 BD135-25 BD137-25 |
Triac; Thyristor Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):800mA; Gate Trigger Current (QI), Igt:5mA; Current, It av:0.8A; Leaded Process Compatible:Yes RoHS Compliant: Yes TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 1.5A I(C) | TO-126 Diac Thyristor; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Package/Case:Axial Leaded; Peak Surge Current:2A; Breakover Voltage Min:30V RoHS Compliant: Yes 晶体管|晶体管|叩| 45V的五(巴西)总裁| 1.5AI(丙)|126
|
HIROSE ELECTRIC Co., Ltd.
|
LT1769 LT1769CGN LT1769IGN |
Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
|
Linear Technology Corporation LINER[Linear Technology]
|
V23076A1022C133 |
Limiting continuous current 45A
|
List of Unclassifed Man...
|