PART |
Description |
Maker |
MC145407 |
5 Volt Only Driver/Receiver EIA-232-E and CCITT V.28 Advance Information 5 Volt Only Drlver/Recelver EIA-232-E and CCITT V.28
|
Motorola
|
145406 MC145406SD |
Driver/Receiver(EIA 232-E and CCITT V.28(Formerly RS-232-D) UltraLow-Supply Current/Supply-Voltage Supervisory Circuits 6-SOT-23 -40 to 85
|
Motorola, Inc.
|
KIINM232DD NM232DD KII-NM232DD |
Isolated Dual EIA-232-D Transmitter and Receiver
|
Murata Power Solutions Inc. Murata Manufacturing Co., Ltd. Murata Manufacturing Co...
|
NM232DDC |
Isolated Dual EIA-232-D Transmitter and Receiver
|
C&D Technologies
|
SP385E-1 SP385E-1CA SP385E-1CT SP385E-1EA SP385E-1 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C True 3V or 5V RS-232 Line Driver/Receiver
|
SIPEX[Sipex Corporation]
|
SP385EEA/TR SP385ECA/TR SP385ECT/TR |
Enhanced 3V or 5V RS-232 Line Driver/Receiver Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
Sipex Corporation
|
KIINM485D |
Isolated Dual EIA-485 Driver and Receiver
|
Murata Manufacturing Co., Ltd.
|
ISL8563E04 ISL8563ECB-T ISL8563ECB ISL8563E |
RS-232/RS-562 Transceiver, 2T/2R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000), Manual Powerdown with Receivers Active /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
|
INTERSIL[Intersil Corporation]
|
MAX3212 MAX3212CAI MAX3212CWI MAX3212EAI MAX3212EW |
2.7V to 3.6V-Powered, 1μA Supply Current, 3-Driver/5-Receiver, True RS-232Transceiver 2.7V to 3.6V-Powered, 1A Supply Current, 3-Driver/5-Receiver, True RS-232Transceiver 2.7V to 3.6V-Powered, 1レA Supply Current, 3-Driver/5-Receiver, True RS-232Transceiver 2.7V to 3.6V-Powered / 1A Supply Current / 3-Driver/5-Receiver / True RS-232Transceiver 2.7V H106to 3.6V-Powered, G106E1043-Driver/5-Receiver, True RS-232 F105Transceiver(2.7~3.6V,自动关闭方式,235kbps,RS-232收发
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
UPD4712C UPD4712CCY UPD4712CGT UPD4712D UPD4712DCY |
RS-232 LINE DRIVER/RECEIVER
|
http:// NEC[NEC]
|
UPD4711B UPD4711BCX UPD4711BGS |
RS-232 LINE DRIVER/RECEIVER
|
NEC[NEC]
|
SP385E-1CA-L SP385E-1CA-L/TR SP385E-1CA/TR SP385E- |
True 3V or 5V RS-232 Line Driver/Receiver
|
Sipex Corporation
|