PART |
Description |
Maker |
AT28HC256F-12UM_883 AT28HC256F-90FM_883 AT28HC256E |
256 (32K x 8) High-speed Parallel EEPROM 32K X 8 EEPROM 5V, 90 ns, PQCC32 PLASTIC, MS-016AE, LCC-32 70NS, TSOP, IND TEMP(EEPROM) 32K X 8 EEPROM 5V, 70 ns, PDSO28 70NS, PLCC, IND TEMP, GREEN PKG(EEPROM) 32K X 8 EEPROM 5V, 70 ns, PQCC32 90NS, PDIP, IND TEMP, GREEN(EEPROM) 32K X 8 EEPROM 5V, 90 ns, PDIP28 120NS, SOIC, IND TEMP, GREEN(EEPROM) 32K X 8 EEPROM 5V, 120 ns, PDSO28
|
ATMEL Corporation Atmel, Corp. ATM Electronic, Corp.
|
AM3064-70/BZC AM3064-50GI175 AM3064-50JC068 AM3090 |
10MS, 8 EIAJ SOIC, IND TEMP, GREEN, 2.7V(BIOS FLASH) 10MS, 8 SOIC, IND TEMP, GREEN, 2.7V(BIOS FLASH) DIE SALE, 2.7V, 7 MIL(BIOS FLASH) 10MS, 8 SAP, IND, ROHS-B, 2.7V(BIOS FLASH) 8-SOIC,AUTO TEMP,2.7V(SERIAL EE) 10MS, 8 PDIP, IND TEMP, 2.7V(SERIAL EE) 10MS, 8 PDIP, EXT TEMP, GREEN,2.7V(SERIAL EE) 10MS, 8 TSSOP, INT TEMP, GREEN, 1.8V(SERIAL EE) 10MS, 8 PDIP, INT TEMP, GREEN, 2.7V(SERIAL EE) 10MS, DIE 1.8V, 11 MILS THICKNESS(SERIAL EE) 10MS, 8 PDIP, IND TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 PDIP, IND TEMP, GREEN,2.7V(SERIAL EE) 8 ULTRA THIN,MINI MAP,PB/HALO FREE,IND T(SERIAL EE) 现场可编程门阵列(FPGA 10MS, 8 SOIC, EXT TEMP, GREEN, 2.7V(SERIAL EE) 现场可编程门阵列(FPGA Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA 10MS, 8 SOIC, INT TEMP, GREEN, 2.7V(SERIAL EE) 现场可编程门阵列(FPGA 10MS, 8 PDIP, EXT TEMP, GREEN, 2.7V(SERIAL EE)
|
Stackpole Electronics, Inc. Ecliptek, Corp. Analog Devices, Inc. Glenair, Inc.
|
M160UFGHT |
High Voltage High Temp Diode - Axial Lead 10mA ?100ns
|
Voltage Multipliers Inc...
|
APT1001RSVR APT1001RSVRG |
100% Avalanche Tested Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs. POWER MOS V 1000V 11A 1.000 Ohm
|
Microsemi Corporation ADPOW[Advanced Power Technology]
|
HRF140N06K |
100PerCent Avalanche Tested
|
SemiHow Co.,Ltd.
|
SE7221BA1-E |
Tested Hardware and Operating System List
|
Intel Corporation
|
TC230HT |
Toroidal Chokes High Temp
|
Allied Components International
|
SIHB12N50C-E3 SIHF12N50C-E3 SIHP12N50C |
100 % Avalanche Tested Compliant to RoHS Directive 2002/95/EC
|
Vishay Siliconix
|
FXA3225BG |
Extended Temp High Reliability Crystal
|
Fox Electronics
|
|