PART |
Description |
Maker |
QU80C186EC25 ES80C188EC20 INTELCORP-KU80C188EC20 E |
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS 80C186EC/80C188EC AND 80L186EC/80L188EC 16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS 16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
|
Intel Corporation
|
80L186EA 80C188EA 80L188EA S80C186EA20 |
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS 16位高集成嵌入式处理器 16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS 16-BIT, 20 MHz, MICROPROCESSOR, PQFP80
|
Intel Corp. Intel, Corp. Rochester Electronics, LLC
|
N80188 |
HIGH-INTEGRATION 16-BIT MICROPROCESSORS
|
Intel Corp.
|
UPD70236 |
16-Bit Microprocessor / High Speed / High Integration / CMOS
|
NEC Electronics
|
M80C186 |
CHMOS HIGH INTEGRATION 16-BIT MICROPROCESSOR
|
INTEL[Intel Corporation]
|
TS80L188EC16 S80L188EC13 TS80L188EC13 TKU80L186EC1 |
16-bit high-integration embedded processor. 16 MHz, 3 V 16-bit high-integration embedded processor. 13 MHz, 3 V 16-bit high-integration embedded processor. 13 MHz, 5 V 16-bit high-integration embedded processor. 20 MHz, 5 V 16-bit high-integration embedded processor. 25 MHz, 5 V
|
Intel
|
IA80186 IA80186-10 IA80186-10B IA80186B A80186 R80 |
High Integration 16-Bit Microprocessor iAPX86 Family
|
AMD[Advanced Micro Devices]
|
KU80C186EC13 KU80C188EC13 KU80C188EC25 KU80L188EC1 |
16-BITHIGH-INTEGRATIONEMBEDDEDPROCESSORS
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
|
INTEL[Intel Corporation]
|
N80C186-20 |
(N80C186 / N80C188) CMOS High-Integration 16-Bit Microprocessors
|
AMD
|
V3023 V3023SO28B V3023SO28A |
Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and High Level Integration
|
EMMICRO[EM Microelectronic - MARIN SA]
|
10-FY07ZAA050SM-L514B28 |
High integration level of Rectifier, PFC and Inverter
|
Vincotech
|