PART |
Description |
Maker |
MC33389DDW MC33389DDWR2 MC33389CVW MC33389CDHR2 MC |
System Basis Chip with Low Speed Fault Tolerant CAN
|
FREESCALE[Freescale Semiconductor, Inc]
|
L4969D013TR L4969013TR |
SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
|
ST Microelectronics
|
MC33889 |
MC33889 System Basis Chip With Low Speed Fault Tolerant CAN Interface
|
Motorola
|
PC33889DW PC33889 |
System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
|
Motorola, Inc MOTOROLA[Motorola Inc]
|
L4969 L4969MD 7302 |
SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER From old datasheet system
|
STMicroelectronics
|
TLE6252G TLE6252-G |
Fault Tolerant Differential CAN Trans... FAULT TOLERANT DIFFERENTIAL CAN TRANSCEIVER
|
Infineon Siemens Semiconductor Group
|
5962-9159402MZX 5962-9159403MYX 5962-9159402MTX |
±80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver ±80V Fault-Protected/Tolerant CAN Transceivers for In-Car Applications x8的SRAM 3.3V, 1Mbps, Low-Supply-Current CAN Transceiver x8的SRAM
|
Silicon Laboratories, Inc.
|
MC33388D |
Fault Tolerant CAN Interface
|
Freescale Semiconductor, Inc
|
BXB50-24S15FLT BXB50-48S05FLT BXB50-48S3V3FLT BXB5 |
Low voltage CMOS octal bus buffer (3-state inv.) with 5V tolerant inputs DC至DC转换 Low voltage CMOS 16-bit D-type latch (3-state) with 5 V tolerant inputs Low voltage CMOS quad 2 channel multiplexer (3-state) with 5V tolerant inputs Low voltage CMOS dual 4-input NAND gate with 5 V tolerant inputs Low voltage CMOS triple 3-input NOR gate with 5V tolerant inputs Low voltage CMOS dual 2 to 4 decoder/demultiplexer Low voltage CMOS octal bus buffer with 3 state outputs (non inverted) Low voltage quad 2 channel multiplexer with 5V tolerant inputs Low voltage CMOS hex Schmitt inverter with 5V tolerant inputs 33-50W Wide Input DC/DC Converters
|
3M Company ARTESYN[Artesyn Technologies]
|
LT3695HMSEPBF LT3695HMSETRPBF LT3695IMSEPBF LT3695 |
1A Fault Tolerant Micropower Step-Down Regulator
|
Linear Technology
|
XR33052HD-F XR33052HDEVB XR33052HDTR-F XR33052ID-F |
60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
|
Exar Corporation
|