PART |
Description |
Maker |
BA178M12FP BA178M12T BA178M06FP BA178M06T BA178M07 |
Standard 78M series, 3-pin regulator Standard 78M series/ 3-pin regulator Standard 78M series 3-pin regulator Standard 78M series, 3-pin regulator 系列标准78M后,3针调节器
|
ROHM[Rohm] Rohm CO.,LTD. Rohm Co., Ltd.
|
R1140Q R1140Q151D-TL R1140Q281D-TL R1140Q151D-TR R |
120mA LDO regulator IC. Output voltage 3.8V. Mask option without auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.8V. Mask option with auto discharge function at OFF state. Taping type TL. CAPACITOR, CASE S, 1UF, 35V; Application:Solid; Capacitance:1uF; Tolerance, capacitance:10%; Series:TAJ; Voltage, rating:35V; Capacitor dielectric type:Tantalum Electrolytic; Case style:S; Current, leakage:0.5uA; Depth, RoHS Compliant: Yes SC82 120mA LDO REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO4 120mA LDO regulator IC. Output voltage 3.0V. Mask option without auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.0V. Mask option without auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.0V. Mask option with auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.0V. Mask option with auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.8V. Mask option with auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.8V. Mask option without auto discharge function at OFF state. Standard taping type TR.
|
RICOH electronics devic... Ricoh Co., Ltd.
|
MC7805CT MC7815CT |
IC VREG 5 V FIXED POSITIVE REGULATOR, PSFM3, TO-220AB, 3 PIN, Fixed Positive Single Output Standard Regulator 15 V FIXED POSITIVE REGULATOR, PSFM3
|
Vishay Semiconductors
|
LM7806D-85-RG30 LM7806D-85-TR30 LM7847MC-85-RG30 L |
1A Standard Positive Voltage Regulator
|
TAITRON Components Inco...
|
BD00D0AWHFP BD00D0AWHFP11 |
2A Standard Variable Output LDO Regulator
|
Rohm
|
BA3662CP-V51010 |
300mA Standard Variable Output LDO Regulator
|
Rohm
|
ISL78208ARZ |
Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
|
Intersil Corporation
|
AL1000-M5 AW1000-M5 AR5060-06 AW1000-M5D AR2000-01 |
锛?ILTER 1锛??锛?/span> "FILTER 1/4"" "FILTER 3/4"" "FILTER 1/8"" "FILTER 1/2"" "FILTER 3/8"" Microprocessor-Controlled Battery Management System "FILTER 1"" FILTER M5 BRACKET 5000/6000 FILTER REGULATOR 1/4 FILTER REGULATOR 1/2 FILTER REGULATOR 1/8 FILTER REGULATOR 3/8 "REGULATOR 1"" "REGULATOR 3/8"" LUBRICATOR 3/8 LUBRICATOR 1/8 Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C "REGULATOR 1/2"" "REGULATOR 1/8"" "REGULATOR 3/4"" FILTER REGULATOR M5 LUBRICATOR M5 锛?EGULATOR 3/8锛??锛?/span>
|
|
ISL85033EVAL2Z |
Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current - Short Form
|
Intersil Corporation
|
LM337D2T LM337BT LM337_D LM337 LM337BD2T ON0312 LM |
AML21 Series, Electronic Control Pushbutton, Square, Standard Bezel, Unlighted, SPDT, Momentary Action, Snap in panel mount From old datasheet system THREE-ERMINAL ADJUSTABLE POSITIVE THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR Three-Terminal Adjustable Output Negative Voltage Regulator
|
ONSEMI[ON Semiconductor] http://
|
T1212MH T1213DH T1210MH T1213NH T12XXXH T1210NH -T |
700V standard triac 800V standard triac STANDARD TRIACS BOX ALUM UNPAINTED 10X6X3.5,1 BOX UTILITY ALUM GREY 7X5X3,1 400V standard triac
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导
|
JAN1N5300U JANS1N5314UR-1 1N5283UR-1 1N5284UR-1 1N |
Current Limiter Diode Single Inverter Gate 5-SOT-23 -40 to 85 1.5 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.43 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB 4-Pin DIP Phototransistor Output Optocoupler 1.4 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 3.6 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.27 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 4.3 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.33 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 1.4 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.91 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.39 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB CURRENT REGULATOR DIODES 0.3 mA, SILICON, CURRENT REGULATOR DIODE, DO-213AB Pulse-Width-Modulation (Pwm) Control Circuit 16-SOIC 0 to 70 CURRENT REGULATOR DIODES
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-LAWRENCE
|