PART |
Description |
Maker |
R1140Q R1140Q151D-TL R1140Q281D-TL R1140Q151D-TR R |
120mA LDO regulator IC. Output voltage 3.8V. Mask option without auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.8V. Mask option with auto discharge function at OFF state. Taping type TL. CAPACITOR, CASE S, 1UF, 35V; Application:Solid; Capacitance:1uF; Tolerance, capacitance:10%; Series:TAJ; Voltage, rating:35V; Capacitor dielectric type:Tantalum Electrolytic; Case style:S; Current, leakage:0.5uA; Depth, RoHS Compliant: Yes SC82 120mA LDO REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO4 120mA LDO regulator IC. Output voltage 3.0V. Mask option without auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.0V. Mask option without auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.0V. Mask option with auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.0V. Mask option with auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.8V. Mask option with auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.8V. Mask option without auto discharge function at OFF state. Standard taping type TR.
|
RICOH electronics devic... Ricoh Co., Ltd.
|
TLE4276GV50 |
Standard Voltage Regulator
|
Infineon
|
ISL8500109 |
1A Standard Buck PWM Regulator
|
Intersil Corporation
|
ISL85033DUALEVAL1Z H1044-00120-50V5-T ISL85033EVAL |
Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current
|
Intersil Corporation
|
AM29BL802CB-120RZI AM29BL802CB-70RZI AM29BL802CB-9 |
HiRel Adjustable Ultra Low Dropout Linear Radiation Hardened Regulator in a 8-Lead Flat Pack Package; A IRUH33PA13A1M with Standard Packaging x16 Flash EEPROM Hi-Rel Fixed Voltage Low Dropout 3-Terminal Negative Regulator; Qualified Part Number similar to OM2990-12STM x16闪存EEPROM
|
Spansion, Inc.
|
ISL78208ARZ |
Wide VIN Dual Standard Buck Regulator with 3A/3A Continuous Output Current
|
Intersil Corporation
|
BTA40A BTA40B 2939 BTA40-400B BTA40-400A BTA40-600 |
Standard triac, 40Ampere, 800V Standard triac, 40Ampere, 700V Standard triac, 40Ampere, 600V Standard triac, 40Ampere, 400V From old datasheet system STANDARD TRIACS RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 15V; Output Voltage (Vdc): 12V; Power: 1W; Pot-Core Transformer - separated
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|
LM317 LM317CT |
IC VREG 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSFM3, TO-220, 3 PIN, Adjustable Positive Single Output Standard Regulator 3-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
|
Vishay Semiconductors Vishay Siliconix
|
1N4002 1N4006 1N4003 1N4007 1N4007FF 1N4007RL 1N40 |
Axial Lead Standard Recovery Rectifiers 1 A, 600 V, SILICON, SIGNAL DIODE, DO-41 Axial Lead Standard Recovery Rectifiers 1 A, 100 V, SILICON, SIGNAL DIODE, DO-41 Axial Lead Standard Recovery Rectifiers 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 (1N4001 - 1N4007) Axial Lead Standard Recovery Rectifiers 1A 400V Standard Rectifier 1A 800V Standard Rectifier 1A 200V Standard Rectifier 1A 100V Standard Rectifier 1A 600V Standard Rectifier
|
http:// ONSEMI[ON Semiconductor]
|
611-0600-01 611-0700-01 611-0800-01 611-0500-01 61 |
STECKER DIN STANDARD SW 6POL AV Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay STECKER DIN STANDARD SW 5POL 60GRAD STECKER DIN STANDARD SW 4POL STECKER DIN STANDARD SW 8POL STECKER DIN标准西南8POL
|
SCHURTER AG
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
HA16114P HA16114 HA16114FP HA16114FPJ HA16114PJ HA |
Standard IC>General-Purpose Linear>ICs for DC/DC Converter Switching Regulator for Chopper Type DC/DC Converter
|
Renesas Electronics Corporation
|