PART |
Description |
Maker |
STW20NK70Z 9571 W20NK70Z |
N-CHANNEL 700V - 0.25W - 20A TO-247 Zener-Protected SuperMESH TM Power MOSFET From old datasheet system N-CHANNEL 700V 0.25 OHM 20A TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STB20PF75 STB20PF75T4 |
P-CHANNEL 75V - 0.10 OHM - 20A DPAK STripFETII POWER MOSFET P-CHANNEL 75V - 0.10 ?- 20A D2PAK STripFET II POWER MOSFET P-CHANNEL 75V - 0.10 з - 20A D?PAK STripFETII POWER MOSFET P通道75V 0.10з - 20A?巴基斯STripFET⑩二功率MOSFET
|
ST Microelectronics STMicroelectronics N.V.
|
FDD8424HF085A13 |
Dual N & P-Channel PowerTrench? MOSFET N-Channel: 40V, 20A, 24mΩ P-Channel: -40V, -20A, 54mΩ
|
Fairchild Semiconductor
|
TDA7490 |
25W 25W STEREO CLASS-D AMPLIFIER 50W MONO IN BTL
|
STMicroelectronics
|
STB7NC70Z STB7NC70Z-1 STP7NC70ZFP STP7NC70Z STB7NC |
N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH⑩III MOSFET N沟道高达700V - 1.1ohm - 6ATO-220/FP/D2PAK/I2PAK齐保护的PowerMESH⑩三MOSFET N-CHANNEL MOSFET N-CHANNEL 700V - 1.1 OHM - 6A TO-220/FP/D2PAK/I2PAK ZENER-PROTECTED POWERMESH III MOSFET N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET
|
STMicroelectronics N.V. ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
HUF76129D3S FN4394 HUF76129D3 HUF76129D3ST |
20A/ 30V/ 0.016 Ohm/ N-Channel/ Logic Level UltraFET Power MOSFETs From old datasheet system 20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 20A I(D) | TO-252AA
|
INTERSIL[Intersil Corporation]
|
STP10NK70ZFP07 STP10NK70Z STP10NK70ZFP |
N-CHANNEL 700V - 0.75Ω - 8.6A - TO220-TO220FP Zener-Protected SuperMESH MOSFET N-CHANNEL 700V - 0.75ヘ - 8.6A - TO220-TO220FP Zener-Protected SuperMESH⑩ MOSFET
|
STMicroelectronics
|
STP10NK70Z STP10NK70ZFP |
N-CHANNEL 700 V - 0.75 OHM - 8.6 A TO-220/TO-220FP ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 700V - 0.75ohm - 8.6A TO-220/TO-220FP Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 700V - 0.75ohm - 8.6A TO-220/TO-220FP Zener-Protected SuperMESHPower MOSFET N-CHANNEL 700V - 0.75ohm - 8.6A TO-220/TO-220FP Zener-Protected SuperMESH?Power MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
HGTP15N40C1 HGTP15N40E1 HGTP15N50C1 HGTP15N50E1 HG |
15A, 20A, 400V and 500V N-Channel IGBTs 15 A, 500 V, N-CHANNEL IGBT, TO-220AB 15A 20A 400V and 500V N-Channel IGBTs 15A/ 20A/ 400V and 500V N-Channel IGBTs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
SI-1125HD |
25W Dual Channel Amp
|
Sanken Electric
|
STB20NE06L 6517 |
N - CHANNEL 60V - 0.06ohm - 20A TO-263 STripFET] POWER MOSFET -通道60V 0.06ohm - 20A 263 STripFET]功率MOSFET N - CHANNEL 60V - 0.06ohm - 20A TO-263 STripFET] POWER MOSFET From old datasheet system
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
HFU6N70U |
700V N-Channel MOSFET
|
SemiHow Co.,Ltd.
|