PART |
Description |
Maker |
STD2NB80 6424 STD2NB80T4 |
From old datasheet system N-CHANNEL MOSFET N - CHANNEL 800V - 4.6 ohm - 1.9A - IPAK/DPAK PowerMESH MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 1.9A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 800V的五(巴西)直| 1.9AI(四)|52AA
|
SGS Thomson Microelectronics ST Microelectronics 意法半导 STMicroelectronics N.V.
|
FQA7N80C |
800V N-Channel MOSFET 7 A, 800 V, 1.9 ohm, N-CHANNEL, Si, POWER, MOSFET 800V N-Channel Advance Q-FET C-Series
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STB4NB80 STB4NB80FP 5976 |
N - CHANNEL 800V - 3 Ohm - 4A - PowerMESH MOSFET From old datasheet system N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESHO MOSFET N-Channel 800V-3Ω-4A- TO-220/TO-220FP PowerMESHTM MOSFET(N沟道MOSFET) N-Channel 800V-3Ω-4A- TO-220/TO-220FP PowerMESHTM MOSFET(N沟道MOSFET) N沟道800V3Ω- 4A条,TO-220/TO-220FP PowerMESHTM MOSFET的(不适用沟道MOSFET的)
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
FQP7N80C FQPF7N80C |
CONN 26POS 2MM SOCKET R/A PC MT 800V N-Channel Advance Q-FET C-Series 800V N-Channel MOSFET CONN 26POS 2MM SOCKET STR PC SMD 6.6 A, 800 V, 1.9 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
STW7NB80 |
N-CHANNEL 800V - 1.6 OHM - 6.5A - TO-247 POWERMESH MOSFET
|
ST Microelectronics
|
STW11NB80 |
N-CHANNEL 800V - 0.65 OHM - 11A - TO-247 POWERMESH MOSFET
|
ST Microelectronics
|
STW12NK80Z |
CONNECTOR ACCESSORY N-CHANNEL 800V - 0.65ohm - 10.5A TO-247 Zener-Protected SuperMESH?Power MOSFET N-CHANNEL 800V - 0.65ohm - 10.5A TO-247 Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 800V - 0.65 OHM - 10.5 A TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET
|
意法半导 STMicroelectronics ST Microelectronics
|
STE34NK80Z |
N-CHANNEL 800V - 0.20 OHM - 32A ISOTOP ZENER-PROTECTED SUPERMESHPOWER MOSFET
|
ST Microelectronics
|
STP7NC80Z STP7NC80ZFP STB7NC80ZT4 |
N-CHANNEL 800V - 1.3 OHM - 6.5A TO-220/TO-220FP/D2PAK/I2PAK ZENER-PROTECTED POWERMESH III MOSFET
|
ST Microelectronics
|
STQ1NK80ZR-AP STN1NK80Z STD1NK80Z-1 STD1NK80Z STD1 |
0.3 A, 800 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-92 N-CHANNEL 800V - 13 ヘ - 1 A TO-92 /SOT-223/DPAK/IPAK Zener - Protected SuperMESH⑩ MOSFET N-CHANNEL 800V - 13 Ω - 1 A TO-92 /SOT-223/DPAK/IPAK Zener - Protected SuperMESH MOSFET N-CHANNEL 800V - 13 Ω - 1 A TO-92 /SOT-223/DPAK/IPAK Zener - Protected SuperMESH?/a> MOSFET
|
STMicroelectronics
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
|