PART |
Description |
Maker |
QL5130 |
33 MHz/32-Bit PCI Target with Embedded
Programmable Logic and Dual Port SRAM
|
quicklogic
|
QL5232 |
33 MHz/32-bit PCI Master/Target with Embedded Programmable Logic and dual Port SRAM
|
quicklogic
|
PCI9052G |
32-bit, 33MHz PCI Target I/O Accelerator for 32-bit, 40MHz Generic and ISA Local Bus Designs PCI BUS CONTROLLER, PQFP160
|
PLX Technology, Inc.
|
S5935QF S5935TF S5935 |
PCI 5V Bus Master/Target Device 32-bit
|
AMCC[Applied Micro Circuits Corporation]
|
QL5032-33APQ208C QL5032-33APQ208I QL5032-33APB256C |
33MHz/32-bit PCI master/target with embedded programmable logic and dual port SRAM.
|
QuickLogic
|
OR3TP12 |
Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
|
AGERE[Agere Systems]
|
GMS87C1202 |
IC CLOCK BUFFER PCI(X) 8-SOIC 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDIP20
|
Hynix Semiconductor, Inc.
|
PCI6156-DA33PC PCI6156 |
Synchronous, 32-bit, 33MHz PCI-to-PCI Bridge for Video Capture Applications
|
PLX Technology
|
PCI6350-AA66PCG |
Asynchronous 32-bit PCI-to-PCI Bridge
|
PLX TECHNOLOGY INC
|
LD87C51FB-1 TP80C51FA N80C51FA-24 LN80C51FA-1 D83C |
8-BIT, MROM, 33 MHz, MICROCONTROLLER, CDIP40 8-BIT, 16 MHz, MICROCONTROLLER, PQCC44 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER 8-BIT, 12 MHz, MICROCONTROLLER, PDIP40 8-Bit MCU: CISC: EPROM: MCS51 Family
|
INTEL CORP Intel, Corp.
|
HHBA-5101 HHBA-5101C HHBA-5101CP |
1 Gb 64-bit. 33MHz Tachyon TL PCI-to-Fibre Channel Adapter. Bulk Packaging Agilent HHBA-5101 64-bit Tachyon TL PCI-to-Fibre Channel Adapter HHBA-5101C · 1 Gb 64-bit, 33MHz Tachyon TL PCI-to-Fibre Channel Adapter HHBA-5101CP · 1 Gb 64-bit, 33MHz Tachyon TL PCI-to-Fibre Channel Adapter, Bulk Packaging
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|