PART |
Description |
Maker |
SST37VF010 SST37VF010-70-3C-NH SST37VF010-70-3C-PH |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 128K X 8 FLASH 2.7V PROM, 70 ns, PQCC32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 256K X 8 FLASH 2.7V PROM, 90 ns, PDIP32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 64K X 8 FLASH 2.7V PROM, 90 ns, PDSO32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 256K X 8 FLASH 2.7V PROM, 70 ns, PDSO32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 512K X 8 FLASH 2.7V PROM, 90 ns, PQCC32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 256K X 8 FLASH 2.7V PROM, 90 ns, PDSO32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 64K X 8 FLASH 2.7V PROM, 90 ns, PQCC32 DIODE ZENER SINGLE 300 - 350mW 47Vz 2mA-Izt 0.0638 0.1uA-Ir 32.9 SOT-23 3K/REEL 128K X 8 FLASH 2.7V PROM, 90 ns, PQCC32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 128K X 8 FLASH 2.7V PROM, 70 ns, PDSO32 DIODE ZENER SINGLE 300 - 350mW 43Vz 2mA-Izt 0.0698 0.1uA-Ir 30.1 SOT-23 3K/REEL DIODE ZENER SINGLE 300mW 4.3Vz 5mA-Izt 0.0698 3uA-Ir 1 SOT-23 3K/REEL 512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
|
SILICON STORAGE TECHNOLOGY INC Silicon Storage Technology, Inc. SST[Silicon Storage Technology, Inc]
|
ATMEGA128-16MU ATMEGA128-16AU ATMEGA128-16AUR ATME |
Microcontroller with 128KBytes In-System Programmable Flash 8-bit Atmel Microcontroller with 128KBytes In-System Programmable Flash 8-bit Microcontroller with 128K Bytes In-System Programmable Flash
|
ATMEL Corporation
|
ATMEGA8515-16MC ATMEGA8515-8AC ATMEGA8515-8JI ATME |
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash 8-bit microcontroller with 8K bytes In-system programmable flash. Speed 16 MHz. Power supply 4.5 - 5.5 V.
|
Atmel
|
ATMEGA168-20AI ATMEGA168-20AJ ATMEGA168V-10AJ ATME |
8-bit Microcontroller with 8K Bytes In-System Programmable Flash -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP28 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PQCC32
|
http:// Atmel, Corp. Atmel Corp.
|
ATMEGA103 ATMEGA103-6AC ATMEGA103-6AI ATMEGA103L A |
ER 4C 4#16S SKT RECP 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PQFP64 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 6 MHz, RISC MICROCONTROLLER, PQFP64 MS/STANDARD CYLINDRICAL MIL-C-5015 SERIES 3102E ENVIRONMENTAL RESISTING BOX MOUNT RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 14S SHELL SIZE, 14S-2 INSERT ARRANGEMENT, RECEPTACLE GENDER, 4 CONTACTS ER 1C 1#16S PIN RECP BOX 8-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
ATMEGA8HVA ATMEGA8HVA-4CKU ATMEGA8HVA-4TU ATMEGA32 |
8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash 8-bit Microcontroller with 32K Bytes In-System Programmable Flash
|
ATMEL Corporation
|
ATMEGA8535 ATMEGA8535-16AC ATMEGA8535-16AI ATMEGA8 |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQFP44 Multi-Color LED; LED Color:Green; Luminous Intensity:10ucd; Viewing Angle:120 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-55 C to C; Color:Green; Input Current:20mA; Leaded Process Compatible:No RoHS Compliant: No 8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
PSD401A1-C-90JI PSD401A1-C-90UI PSD401A2-C-90JI PS |
Low Cost Field Programmable Microcontroller Peripherals Flash In-System Programmable ISP Peripherals For 8-bit MCUs PSD4XX/ZPSD4XX FAMILY FIELD-PROGRAMMABLE MICROCONTROLLER PERIPHERALS
|
ST Microelectronics
|
PIC16LF-E/SO PIC16LF-E/ML PIC16LF-E/P PIC16LF-I/P |
Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology 8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
|
Microchip Technology Inc.
|