PART |
Description |
Maker |
2SC3438 |
500mW SMD NPN transistor, maximum rating: 100V Vceo, 500mA Ic, 55 to 300 hFE. Complementary 2SA1368 FOR HIGH VOLTAGE DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
|
ISAHAYA[Isahaya Electronics Corporation]
|
HPH2369 HMH2369 |
Emitter to base voltage:4.5V 500mA NPN epitaxial planar transistor for general purpose switching and amplifier applications
|
MICRO-ELECTRONICS[Micro Electronics] HSMC[Hi-Sincerity Mocroelectronics] Hi-Sincerity Microelectronics
|
SE1025 |
40V 500mA 开关型LED 调色驱动器调?
|
Seaward Electronics Inc...
|
DTD143TK_1 DTD143TK |
500mA / 40V Digital transistors (with built-in resistor)
|
ROHM[Rohm]
|
2SC4695 |
TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 500MA I(C) | TO-236 晶体管|晶体管|叩| 20V的五(巴西)总裁| 500mA的一(c)|36 NPN Epitaxial Planar Silicon Transistor for Low-Frequency General-Purpose Amplifier,Muting Applications(低频通用放大器,噪声抑制应用的NPN硅外延平面型晶体 NPN Epitaxial Planar Silicon Transistor Low-Frequency General-Purpose Amplifier, Muting Applications
|
Hitachi,Ltd. Sanyo Electric Co.,Ltd.
|
CENW51 CENW57 CENW51A CENW55 CENW56 CENW92 |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 1A I(C) | TO-237VAR TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 500MA I(C) | TO-237VAR TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 1A I(C) | TO-237VAR TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 500MA I(C) | TO-237VAR TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 500MA I(C) | TO-237VAR TRANSISTOR | BJT | PNP | 300V V(BR)CEO | 500MA I(C) | TO-237VAR 晶体管|晶体管|进步党| 300V五(巴西)总裁| 500mA的一(c)|37VAR
|
SMSC, Corp.
|
2SB744 2SB744A 2SA1154 NTC2333 2SA1152 NTC2334 NTC |
TRANSISTOR|BJT|PNP|45VV(BR)CEO|3AI(C)|TO-126
TRANSISTOR|BJT|PNP|60VV(BR)CEO|3AI(C)|TO-126
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 300MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 7A I(C) | TO-220 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 2A I(C) | TO-220 TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 7A I(C) | TO-220 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 300MA I(C) | TO-92 TRANSISTOR | BJT | DARLINGTON | NPN | 400V V(BR)CEO | 10A I(C) | TO-247VAR TRANSISTOR | BJT | NPN | 200MA I(C) | TO-226VAR TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 300MA I(C) | TO-92 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 2A I(C) | TO-220 晶体管|晶体管|叩| 400V五(巴西)总裁|甲一c)|20 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-220AB 晶体管|晶体管|叩| 60V的五(巴西)总裁| 5A条一(c)| TO - 220AB现有 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 500MA I(C) | TO-92 晶体管|晶体管|叩| 40V的五(巴西)总裁| 500mA的一(c)|2
|
NEC, Corp. Sullins Connector Solutions, Inc. Microchip Technology, Inc.
|
2SC5454 |
NPN Epitaxial Transisitor(NPN外延晶体 npn型外Transisitor(npn型外延晶体管 NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
|
NEC, Corp. NEC Corp.
|
KRC886T KRC881T KRC882T KRC883T KRC884T KRC885T KR |
Built in Bias Resistor EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING) (KRC881T - KRC886T) EPITAXIAL PLANAR NPN TRANSISTOR 300 mA, 20 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
UPA834TF UPA834TF-T1 PA834TF |
NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE NPN硅外延晶体管个不同的元素,采6引脚薄型模具迷你小包 NPN Silicon Epitaxial Transisitor(NPN外延晶体
|
NEC, Corp. NEC Corp.
|