PART |
Description |
Maker |
PAL20L8-10PC PAL20L8-10DC PAL20L8-10JC PAL20L8-102 |
CAP 0.1UF 100V 10% X7R RAD.20 .30X.30 BULK M-MIL-PRF-39014 STANDOFF Current Mode PWM Controller 16-SOIC -40 to 85 Current Mode PWM Controller 16-CDIP -40 to 85 Current Mode PWM Controller 20-PLCC -40 to 85 24-Pin TTL Programmable Array Logic 24引脚的TTL可编程阵列逻辑 24-Pin TTL Programmable Array Logic OT PLD, 10 ns, PQCC28
|
Advanced Micro Devices, Inc.
|
UC3842 UC3842D UC3842N UC3843D UC3843N UC2845D UC2 |
CURRENTMODE PWM CONTROLLER Current Mode PWM Controller(?垫?妯″?PWM?у??? CURRENTMODE PWM CONTROLLER 电流模式的PWM控制 (UC3842 - UC3845) CURRENTMODE PWM CONTROLLER (UC2843 / UC2844 / UC2845) CURRENTMODE PWM CONTROLLER
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
LX1553 LX1552 LX1554 LX1555 LX1552CDT LX1554CPWT |
Current-Mode SMPS Controller 1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO20 Current-Mode SMPS Controller 1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO14 ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM ULTRA-LOW START-UP CURRENT/ CURRENT-MODE PWM
|
Microsemi, Corp. Microsemi Corporation
|
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|
CS2844-D CS2844LN8 CS2844LD14 CS2844LDR14 |
Current Mode PWM Control Circuit Current Mode PWM Control Circuit with 50% Max Duty Cycle 1 A SWITCHING CONTROLLER, PDIP8
|
ON Semiconductor
|
NCP1203D60R2 NCP1203D60R2G NCP1203D100R2 NCP1203D1 |
PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit 0.25 A SWITCHING CONTROLLER, 115 kHz SWITCHING FREQ-MAX, PDSO8 PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit PWM电流模式控制器的通用离线Supplies以待机和短路
|
ONSEMI[ON Semiconductor]
|
L6562 FN9012 ISL6562 ISL656062E ISL656062EVAL1 ISL |
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller PWM Controller, 2-Phase Current Mode, 5-Bit VID, Reg ?.8%, 1.05-1.825 Voltage, VRM 8.5
|
http:// INTERSIL[Intersil Corporation]
|
26001601 |
Low-Cost, Current-Mode PWM Buck Controller with Foldback Current Limit SNAPFIT性病型灰100
|
Vishay Intertechnology, Inc.
|
FL7921R |
Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Lighting Controller
|
ON Semiconductor
|
KA388 KA388XD KA388X |
CURRENT MODE PWM CONTROLLER
|
SAMSUNG[Samsung semiconductor]
|
LD7580A LD7580AGN |
PWM Current Mode Controller
|
Leadtrend Technology
|